| 전자부품 데이터시트 검색엔진 |
|
AS1107WL 데이터시트(PDF) 17 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1107WL 데이터시트(HTML) 17 Page - ams AG |
|
17 / 20 page ![]() www.austriamicrosystems.com Revision 2.24 17 - 20 AS1106, AS1107 Data Sheet - Pa ckage Drawings and Mark ings 10 Package Drawings and Markings The AS1106 and AS1107 are available in 24-pin DIP and 24-pin SOIC packages. Figure 15. 24-pin DIP Package Note: All dimensions in inches. Symbol Min Max B0.18 B1 0.050 C0.10 D1.160 D1 0.30 0.60 E.295 .320 ID 0.64 ID1 0.64 E1 .260 eA .320 .370 e1 0.10 L.125 R.030 T.130 T1 .060 T2 .060 W .030 REF α1 7º α2 7º α3 7º α4 7º P’ .760 A.145 .170 A1 .015 .040 |