전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS1110 데이터시트(PDF) 23 Page - ams AG

부품명 AS1110
상세설명  Constant-Current, 16-Channel LED Driver with Diagnostics
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS1110 데이터시트(HTML) 23 Page - ams AG

Back Button AS1110 Datasheet HTML 16Page - ams AG AS1110 Datasheet HTML 17Page - ams AG AS1110 Datasheet HTML 18Page - ams AG AS1110 Datasheet HTML 19Page - ams AG AS1110 Datasheet HTML 20Page - ams AG AS1110 Datasheet HTML 21Page - ams AG AS1110 Datasheet HTML 22Page - ams AG AS1110 Datasheet HTML 23Page - ams AG AS1110 Datasheet HTML 24Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
www.austriamicrosystems.com
Revision 1.04
23 - 24
AS1110
Datasheet - O r d e r i n g I n f o r m a t i o n
11 Ordering Information
The device is available as the standard products shown in Table 9.
All devices are RoHS compliant and free of halogene substances.
Table 9. Ordering Information
Type
Description
Delivery Form
Package
AS1110-BSSU
Constant-Current, 16-Channel LED Driver with
Diagnostics
Tubes
24-pin SSOP
AS1110-BSST
Constant-Current, 16-Channel LED Driver with
Diagnostics
Tape and Reel
24-pin SSOP
AS1110-BQFR
Constant-Current, 16-Channel LED Driver with
Diagnostics
Tray
28-pin QFN (5x5mm)
AS1110-BQFT
Constant-Current, 16-Channel LED Driver with
Diagnostics
Tape and Reel
28-pin QFN (5x5mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24