전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS1333 데이터시트(PDF) 15 Page - ams AG

부품명 AS1333
상세설명  650mA, Step Down DC/DC Converter for Portable Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS1333 데이터시트(HTML) 15 Page - ams AG

Back Button AS1333 Datasheet HTML 8Page - ams AG AS1333 Datasheet HTML 9Page - ams AG AS1333 Datasheet HTML 10Page - ams AG AS1333 Datasheet HTML 11Page - ams AG AS1333 Datasheet HTML 12Page - ams AG AS1333 Datasheet HTML 13Page - ams AG AS1333 Datasheet HTML 14Page - ams AG AS1333 Datasheet HTML 15Page - ams AG AS1333 Datasheet HTML 16Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
www.austriamicrosystems.com
Revision 1.02
15 - 16
AS1333
Data Sheet - O r d e r i n g I n f o r m a t i o n
11 Ordering Information
The device is available as the standard products listed below.
All devices are RoHS compliant and free of halogene substances.
Table 7. Ordering Information
Part Number
Marking
Description
Delivery Form
Package
AS1333-BWLT
ASQX
650mA, DC-DC Step-Down for RF
Tape and Reel
8-pin WL-CSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16