전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS3932 데이터시트(PDF) 24 Page - ams AG

부품명 AS3932
상세설명  3D Low Frequency Wakeup Receiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS3932 데이터시트(HTML) 24 Page - ams AG

Back Button AS3932 Datasheet HTML 20Page - ams AG AS3932 Datasheet HTML 21Page - ams AG AS3932 Datasheet HTML 22Page - ams AG AS3932 Datasheet HTML 23Page - ams AG AS3932 Datasheet HTML 24Page - ams AG AS3932 Datasheet HTML 25Page - ams AG AS3932 Datasheet HTML 26Page - ams AG AS3932 Datasheet HTML 27Page - ams AG AS3932 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
www.austriamicrosystems.com/AS3932
Revision 1.2
24 - 33
AS3932
Data Sheet - Detailed Description
Figure 19. Wakeup Protocol Overview with Single Pattern Detection (Manchester decoder disabled)
Table 21. Preamble Requirements in Standard Mode, Scanning Mode and ON/OFF Mode
Bit rate (bit/s)
Maximum duration of the carrier burst in Standard
Mode and Scanning Mode (ms)
Maximum duration of the carrier burst in ON/OFF Mode
(ms)
8192
1.95
10
6552
2.44
10
5460
2.93
10
4680
3.41
10
4096
3.90
10
3640
4.39
10
3276
4.88
10
2978
5.37
10
2730
5.86
10
2520
6.34
10
2340
6.83
10
2184
7.32
10
2048
7.81
10
1926
8.30
10
1820
8.79
10
1724
9.28
10
1638
9.76
10
1560
10.25
10.25
1488
10.75
10.75
1424
11.23
11.23
1364
11.73
11.73
1310
12.21
12.21
1260
12.69
12.69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33