전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS5011 데이터시트(PDF) 13 Page - ams AG

부품명 AS5011
상세설명  Low Power Integrated Hall IC for Human Interface Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS5011 데이터시트(HTML) 13 Page - ams AG

Back Button AS5011 Datasheet HTML 8Page - ams AG AS5011 Datasheet HTML 9Page - ams AG AS5011 Datasheet HTML 10Page - ams AG AS5011 Datasheet HTML 11Page - ams AG AS5011 Datasheet HTML 12Page - ams AG AS5011 Datasheet HTML 13Page - ams AG AS5011 Datasheet HTML 14Page - ams AG AS5011 Datasheet HTML 15Page - ams AG AS5011 Datasheet HTML 16Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AS5011
Data Sheet
9
Package Drawings
DIM
(mm)
MIN
NOM
MAX
A
0.50
0.55
0.60
A1
0.152 REF
b
0.35
0.40
0.45
D
5.00 BSC
E
5.00 BSC
D1
3.5
3.6
3.7
E1
3.15
3.25
3.35
e
0.80 BSC
L
0.35
0.40
0.45
L1
0.00
0.10
www.austriamicrosystems.com
Revision 3.10
13 – 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16