전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SF21 데이터시트(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

부품명 SF21
상세설명  SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
홈페이지  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

SF21 데이터시트(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  SF21 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. SF21 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50
SF21 thru SF26
Maximum Recurrent Peak Reverse Voltage
Maximum Recurrent Peak Reverse Voltage
VRRM
VRMS
VDC
VF
IR
IO
IFSM
CJ
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum DC Blocking Voltage
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
Maximum Instantaneous Forward Voltage at 2.0A DC
Peak Forward Surge Current, 8.3 ms single half
sine-wave superimposed on rated load (JEDEC method)
Maximum Average Forward Rectified Current
.375" (9.5mm) lead length
SF21
SF21
SF23
SF23
SF25
SF25
SF22
SF22
SF24
SF24
SF26
SF26
UNITS
UNITS
100
400
150
200
300
Volts
Volts
Volts
Volts
Amps
Amps
uAmps
uAmps
0C
35
70
280
105
140
210
50
100
400
150
200
-65 to +150
0.95
1.25
5.0
50
35
2.0
75
30
20
300
0
MAXIMUM RATINGS ( At TA=25 C unless otherwise noted)
0
ELECTRICAL CHARACTERISTICS ( At TA=25 C unless otherwise noted)
Notes : 1.Test Condition: IF=0.5A, IR=1.0A, IRR=0.25A
2.Measured at 1 MHz and applied reverse voltage of 4.0 volts
FEATURES
High reliability
Low leakage
Low forward voltage
High current capability
Super fast switching speed
High surge capability
Good for switching mode circuit
MECHANICAL DATA
Case:Molded plastic
Epoxy:UL94V-0 rate flame retardant
Lead:MIL-STD-202E method 208C quaranted
Mounting position:Any
Weigh:0.38 grams
CHENG- YI
CHENG- YI
ELECTRONIC
SUPER FAST RECTIFIER
SUPER FAST RECTIFIER
SUPER FAST RECTIFIER
VOLTAGE RANGE-50 to 400 Volts
CURRENT-2.0 Amperese
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
Signle phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
0
@TA=55 C
0
@TA=25 C
0
@TA=150 C
Maximum DC Reverse Current at
Rated DC Blocking Voltage
Maximum Reverse Recovery Time (Note1)
trr
nSec
TSTG
TJ
RATINGS
CHARACTERISTICS
SYMBOL
SYMBOL
pF
.034(0.9)
.028(0.7)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.140(3.6)
.104(2.6)
.300(7.6)
.230(5.8)
DIA.
DIA.


유사한 부품 번호 - SF21

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
SF21 MOSPEC-SF21 Datasheet
134Kb / 2P
POWER RECTIFIERS(2.0A,50-400V)
logo
Won-Top Electronics
SF21 WTE-SF21 Datasheet
50Kb / 3P
2.0A SUPER-FAST RECTIFIER
logo
Zowie Technology Corpor...
SF21 ZOWIE-SF21 Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
logo
Rectron Semiconductor
SF21 RECTRON-SF21 Datasheet
275Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
SF21 JGD-SF21 Datasheet
159Kb / 2P
2.0 AMPS. SUPER FAST RECTIFIERS
More results

유사한 설명 - SF21

제조업체부품명데이터시트상세설명
logo
Shanghai Lunsure Electr...
SF101 CHENYI-SF101 Datasheet
151Kb / 2P
SUPER FAST RECTIFIER
SF201 CHENYI-SF201 Datasheet
158Kb / 2P
SUPER FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
SF11 BILIN-SF11 Datasheet
52Kb / 2P
SUPER FAST RECTIFIER
SF31 BILIN-SF31 Datasheet
102Kb / 2P
SUPER FAST RECTIFIER
SF51 BILIN-SF51 Datasheet
54Kb / 2P
SUPER FAST RECTIFIER
BYV27-50 BILIN-BYV27-50 Datasheet
124Kb / 2P
SUPER FAST RECTIFIER
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
UGP30A BILIN-UGP30A Datasheet
65Kb / 2P
SUPER FAST RECTIFIER
USF21 BILIN-USF21 Datasheet
61Kb / 2P
SUPER FAST RECTIFIER
SF17 BILIN-SF17 Datasheet
144Kb / 2P
SUPER FAST RECTIFIER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com