전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS5130 데이터시트(PDF) 39 Page - ams AG

부품명 AS5130
상세설명  8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS5130 데이터시트(HTML) 39 Page - ams AG

Back Button AS5130_09 Datasheet HTML 32Page - ams AG AS5130_09 Datasheet HTML 33Page - ams AG AS5130_09 Datasheet HTML 34Page - ams AG AS5130_09 Datasheet HTML 35Page - ams AG AS5130_09 Datasheet HTML 36Page - ams AG AS5130_09 Datasheet HTML 37Page - ams AG AS5130_09 Datasheet HTML 38Page - ams AG AS5130_09 Datasheet HTML 39Page - ams AG AS5130_09 Datasheet HTML 40Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
www.austriamicrosystems.com
Revision 1.09
39 - 40
AS5130
Data Sheet - O r d er i n g I n f o r m a t i o n
10 Ordering Information
The devices are available as the standard products shown in Table 13.
Table 13. Ordering Information
Model
Description
Delivery Form
Package
AS5130ASST
Tape & Reel
SSOP-16
AS5130ASSU
Tubes
SSOP-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40