전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS5215 데이터시트(PDF) 18 Page - ams AG

부품명 AS5215
상세설명  Programmable 360쨘 Magnetic Angle Encoder with Buffered SINE & COSINE Output Signals
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS5215 데이터시트(HTML) 18 Page - ams AG

Back Button AS5215 Datasheet HTML 14Page - ams AG AS5215 Datasheet HTML 15Page - ams AG AS5215 Datasheet HTML 16Page - ams AG AS5215 Datasheet HTML 17Page - ams AG AS5215 Datasheet HTML 18Page - ams AG AS5215 Datasheet HTML 19Page - ams AG AS5215 Datasheet HTML 20Page - ams AG AS5215 Datasheet HTML 21Page - ams AG AS5215 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
www.austriamicrosystems.com/AS5215
Revision 1.8
18 - 24
AS5215
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
8.4 Waveform – Digital Interface at Normal Operation Mode
Figure 14. Digital Interface at Normal Operation Mode
8.5 Waveform – Digital Interface at Extended Mode
In the extended mode, the digital interface needs four clocks for one data bit. During this time, the device is able to handle internal signals for
special access (e.g. the easy zap interface).
Figure 15. Digital Interface at Extended Mode
DCLK
CS
DIO
DIO
D15
D13
D14
D0
CMD_PHASE
DATA_PHASE
t1_3
t9_3
t2_3
t5
t7
t8
t4
t3
t6
t10_3
t13_3
t12
t11
DIO
CMD
READ
WRITE
CMD4
CMD3
CMD2
CMD1
CMD0
D15
D13
D14
D0
DCLK
CS
DIO
DIO
CMD4
CMD3
CMD2
CMD1
CMD0
D45
D44
D45
D44
D0
D0
CMD_PHASE
DATA_PHASE
t1_3
t9_3
t2_3
t5
t7
t8
t4
t3
t6
t10_3
t13_3
t12
t11
DIO
CMD
READ
WRITE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24