전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS7620 데이터시트(PDF) 12 Page - ams AG

부품명 AS7620
상세설명  500mA Hysteretic High Voltage Step-Down Converter with Dual Power Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS7620 데이터시트(HTML) 12 Page - ams AG

Back Button AS7620 Datasheet HTML 8Page - ams AG AS7620 Datasheet HTML 9Page - ams AG AS7620 Datasheet HTML 10Page - ams AG AS7620 Datasheet HTML 11Page - ams AG AS7620 Datasheet HTML 12Page - ams AG AS7620 Datasheet HTML 13Page - ams AG AS7620 Datasheet HTML 14Page - ams AG AS7620 Datasheet HTML 15Page - ams AG AS7620 Datasheet HTML 16Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
www.austriamicrosystems.com
Revision 1.13
12 - 16
AS7620
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Demo Board
A demonstration board is available to test the device functionalities and performance in a standard application. For
further information, please refer to the AS7620EB datasheet.
Figure 20. Demo Board Photograph



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16