| 전자부품 데이터시트 검색엔진 |
|
AS8228 데이터시트(PDF) 58 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8228 데이터시트(HTML) 58 Page - ams AG |
|
58 / 123 page ![]() Data Sheet AS8218 / AS8228 Revision 3.0, 31-May-06 Page 58 of 123 SEL_IN_RXD2 (950Bh) The SEL_IN_RXD2 register selects which I/O input is used for the special input signal ‘rxd2’ (UART2 receive input). Any one of the I/Os from IO0 to IO11 may be selected for this purpose. The select bits are defined in the following table: MSB LSB 0 0 0 0 sel3 sel2 sel1 sel0 MSB LSB Input 0 0 0 0 0 0 0 0 IO0 0 0 0 0 0 0 0 1 IO1 0 0 0 0 0 0 1 0 IO2 0 0 0 0 0 0 1 1 IO3 0 0 0 0 0 1 0 0 IO4 0 0 0 0 0 1 0 1 IO5 0 0 0 0 0 1 1 0 IO6 0 0 0 0 0 1 1 1 IO7 0 0 0 0 1 0 0 0 IO8 0 0 0 0 1 0 0 1 IO9 0 0 0 0 1 0 1 0 IO10 0 0 0 0 1 0 1 1 IO11 AS8228 only SEL_IN_REFP (950Ch) The SEL_IN_REFP register selects which I/O input is to be used for reference pulses. Any one of the I/Os from IO0 to IO11 may be selected for this purpose. The select bits are defined in the following table: MSB LSB 0 0 0 0 sel3 sel2 sel1 sel0 MSB LSB Input 0 0 0 0 0 0 0 0 IO0 0 0 0 0 0 0 0 1 IO1 0 0 0 0 0 0 1 0 IO2 0 0 0 0 0 0 1 1 IO3 0 0 0 0 0 1 0 0 IO4 0 0 0 0 0 1 0 1 IO5 0 0 0 0 0 1 1 0 IO6 |