전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS8520 데이터시트(PDF) 32 Page - ams AG

부품명 AS8520
상세설명  LIN Transceiver with Voltage Regulator, Attenuator, Relay Drivers, MCU Interface for Automotive Applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS8520 데이터시트(HTML) 32 Page - ams AG

Back Button AS8520 Datasheet HTML 26Page - ams AG AS8520 Datasheet HTML 27Page - ams AG AS8520 Datasheet HTML 28Page - ams AG AS8520 Datasheet HTML 29Page - ams AG AS8520 Datasheet HTML 30Page - ams AG AS8520 Datasheet HTML 31Page - ams AG AS8520 Datasheet HTML 32Page - ams AG AS8520 Datasheet HTML 33Page - ams AG AS8520 Datasheet HTML 34Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
www.austriamicrosystems.com/Lin_CompanionIC/AS8520
Revision 0.01
32 - 34
AS8520
Preliminary Data Sheet - P a c k age Drawings and M a rkings
9 Package Drawings and Markings
The device is available in a 24-pin QFN (6x6) package.
Figure 20. Package Drawings
Table 20. Package Dimensions
Symbol
mm
Min
Typ
Max
D6
E6
D1
4.40
4.50
4.60
E1
4.4
4.50
4.60
L
0.35
0.40
0.45
b
0.25
0.30
0.35
e0.65
A
0.80
0.85
0.9
A1
0.203
AYWWIZZ
AS8520
51111Y
19
24
6
1
12
7
13
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34