전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CHA3063 데이터시트(PDF) 6 Page - United Monolithic Semiconductors

부품명 CHA3063
상세설명  5.5-23GHz Driver Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UMS [United Monolithic Semiconductors]
홈페이지  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3063 데이터시트(HTML) 6 Page - United Monolithic Semiconductors

  CHA3063 Datasheet HTML 1Page - United Monolithic Semiconductors CHA3063 Datasheet HTML 2Page - United Monolithic Semiconductors CHA3063 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3063 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3063 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3063 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3063 Datasheet HTML 7Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CHA3063
5.5-23GHz Driver Amplifier
Ref : DSCHA30632263 -20-Sept.-02
6/7
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Chip Assembly and Mechanical Data
Note
:Supply
feed
should
be
capacitively
bypassed.
25µm
diameter
gold
wire
is
recommended
Bonding pad positions.
( Chip thickness : 100µm. All dimensions are in micrometers)



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com