전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSPIC33FJ32GS406 데이터시트(PDF) 13 Page - Microchip Technology

부품명 DSPIC33FJ32GS406
상세설명  High-Performance, 16-bit Digital Signal Controllers
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GS406 데이터시트(HTML) 13 Page - Microchip Technology

Back Button DSPIC33FJ32GS406 Datasheet HTML 9Page - Microchip Technology DSPIC33FJ32GS406 Datasheet HTML 10Page - Microchip Technology DSPIC33FJ32GS406 Datasheet HTML 11Page - Microchip Technology DSPIC33FJ32GS406 Datasheet HTML 12Page - Microchip Technology DSPIC33FJ32GS406 Datasheet HTML 13Page - Microchip Technology DSPIC33FJ32GS406 Datasheet HTML 14Page - Microchip Technology DSPIC33FJ32GS406 Datasheet HTML 15Page - Microchip Technology DSPIC33FJ32GS406 Datasheet HTML 16Page - Microchip Technology DSPIC33FJ32GS406 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 416 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70591B-page 13
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
Pin Diagrams (Continued)
80-Pin TQFP
20
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
50
49
48
47
46
45
44
41
dsPIC33FJ32GS608
17
18
19
1
57
56
55
54
53
52
51
60
59
58
43
42
OC1/QEB1/FLT5/RD0
IC4/QEA1/FLT4/RD11
IC2/FLT2/RD9
IC1/FLT1/SYNCI1/RD8
SDA2/INT4/FLT19/RA15
IC3/INDX1/FLT3/RD10
SCL2/INT3/FLT20/RA14
VSS
OSC1/CLKIN/RC12
VDD
SCL1/RG2
U1RX/RF2
U1TX/RF3
PGEC2/SOSCO/T1CK/CN0/RC14
PGED2/SOSCI/T4CK/CN1/RC13
PWM4H/RE7
SCK2/FLT12/CN8/RG6
SDI2/FLT11/CN9/RG7
SDO2/FLT10/CN10/RG8
MCLR
SS2/FLT9/T5CK/CN11/RG9
AN4/CMP2C/CMP3A/AQEA1/CN6/RB4
AN3/CMP2B/AINDX1/CN5/RB3
AN2/CMP1C/CMP2A/ASS1/CN4/RB2
PGEC3/AN1/CMP1B/CN3/RB1
PGED3/AN0/CMP1A/CMP4C/CN2/RB0
VSS
VDD
PWM3H/RE5
PWM4L/RE6
TDO/FLT14/INT2/RE9
TMS/FLT13/INT1/RE8
SDA1/RG3
SDI1/RF7
SDO1/RF8
AN5/CMP3B/AQEB1/CN7/RB5
OSC2/REFCLKO/CLKO/RC15
SCK1/INT0/RF6
AN16/T2CK/RC1
AN17/T3CK/RC2
= Pins are up to 5V tolerant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More