전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

dsPIC33FJ32GS606 데이터시트(PDF) 3 Page - Microchip Technology

부품명 dsPIC33FJ32GS606
상세설명  High-Performance, 16-bit Digital Signal Controllers
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ32GS606 데이터시트(HTML) 3 Page - Microchip Technology

  dsPIC33FJ32GS606 Datasheet HTML 1Page - Microchip Technology dsPIC33FJ32GS606 Datasheet HTML 2Page - Microchip Technology dsPIC33FJ32GS606 Datasheet HTML 3Page - Microchip Technology dsPIC33FJ32GS606 Datasheet HTML 4Page - Microchip Technology dsPIC33FJ32GS606 Datasheet HTML 5Page - Microchip Technology dsPIC33FJ32GS606 Datasheet HTML 6Page - Microchip Technology dsPIC33FJ32GS606 Datasheet HTML 7Page - Microchip Technology dsPIC33FJ32GS606 Datasheet HTML 8Page - Microchip Technology dsPIC33FJ32GS606 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 416 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70591B-page 3
dsPIC33FJ32GS406/606/608/610 and
dsPIC33FJ64GS406/606/608/610
Operating Range:
• Up to 40 MIPS operation (at 3.0-3.6V):
- Industrial temperature range (-40°C to +85°C)
- Extended temperature range (-40°C to +125°C)
High-Performance DSC CPU:
• Modified Harvard architecture
• C compiler optimized instruction set
• 16-bit wide data path
• 24-bit wide instructions
• Linear program memory addressing up to 4M
instruction words
• Linear data memory addressing up to 64 Kbytes
• 83 base instructions: mostly 1 word/1 cycle
• Two 40-bit accumulators with rounding and
saturation options
• Flexible and powerful addressing modes:
-Indirect
- Modulo
- Bit-Reversed
• Software stack
• 16 x 16 fractional/integer multiply operations
• 32/16 and 16/16 divide operations
• Single-cycle multiply and accumulate:
- Accumulator write back for DSP operations
- Dual data fetch
• Up to ±16-bit shifts for up to 40-bit data
Direct Memory Access (DMA):
• 4-channel hardware DMA
• 1 Kbyte dual ported DMA buffer area (DMA RAM)
to store data transferred via DMA:
- Allows data transfer between RAM and a
peripheral while CPU is executing code (no
cycle stealing)
• Most peripherals support DMA
Digital I/O:
• Up to 85 programmable digital I/O pins
• Wake-up/Interrupt-on-Change for up to 24 pins
• Output pins can drive voltage from 3.0V to 3.6V
• Up to 5V output with open drain configuration
• 5V tolerant digital input pins
• 16 mA source/sink on all PWM pins
On-Chip Flash and SRAM:
• Flash program memory (up to 64 Kbytes)
• Data SRAM (up to 8 Kbytes)
• Boot and General Security for program Flash
Peripheral Features:
• Timer/Counters, up to five 16-bit timers
- Can pair up to make one 32-bit timer
• Input Capture (up to four channels):
- Capture on up, down or both edges
- 16-bit capture input functions
- 4-deep FIFO on each capture
• Output Compare (up to four channels):
- Single or Dual 16-bit Compare mode
- 16-bit Glitchless PWM mode
• 4-wire SPI (up to two modules):
- Framing supports I/O interface to simple
codecs
- 1-deep FIFO buffer
- Supports 8-bit and 16-bit data
- Supports all serial clock formats and
sampling modes
•I2C™ (up to two modules):
- Supports Full Multi-Master Slave mode
- 7-bit and 10-bit addressing
- Bus collision detection and arbitration
- Integrated signal conditioning
- Slave address masking
High-Performance, 16-Bit Digital Signal Controllers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com