전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP1790-3002E/EB 데이터시트(PDF) 11 Page - Microchip Technology

부품명 MCP1790-3002E/EB
상세설명  70 mA, High Voltage Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1790-3002E/EB 데이터시트(HTML) 11 Page - Microchip Technology

Back Button MCP1790-3002E/EB Datasheet HTML 7Page - Microchip Technology MCP1790-3002E/EB Datasheet HTML 8Page - Microchip Technology MCP1790-3002E/EB Datasheet HTML 9Page - Microchip Technology MCP1790-3002E/EB Datasheet HTML 10Page - Microchip Technology MCP1790-3002E/EB Datasheet HTML 11Page - Microchip Technology MCP1790-3002E/EB Datasheet HTML 12Page - Microchip Technology MCP1790-3002E/EB Datasheet HTML 13Page - Microchip Technology MCP1790-3002E/EB Datasheet HTML 14Page - Microchip Technology MCP1790-3002E/EB Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
© 2008 Microchip Technology Inc.
DS22075A-page 11
MCP1790/MCP1791
Note: Unless otherwise indicated, C
OUT = 4.7 uF Ceramic (X7R), CIN = 10.0 µF Ceramic (X7R), IOUT = 1 mA, Temperature = +25°C,
VIN = 6.0V, RPWRGD_PULLUP = 10 kΩ To VOUT, VSHDN = VIN, and device is MCP1790.
FIGURE 2-19:
Dynamic Line Response.
FIGURE 2-20:
Dynamic Line Response.
FIGURE 2-21:
Dynamic Load Response.
FIGURE 2-22:
Dynamic Load Response.
FIGURE 2-23:
Short Circuit Response.
FIGURE 2-24:
Short Circuit Response.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
204060
80
100
120
140
Output Current (mA)
VOUT = 3.3V
VOUT = 3.0V
0
1
2
3
4
5
6
7
0
2040
6080
100
120
140
Output Current (mA)
VOUT = 5.0V
VIN = 6.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com