전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC12F609-E/SN 데이터시트(PDF) 49 Page - Microchip Technology

부품명 PIC12F609-E/SN
상세설명  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F609-E/SN 데이터시트(HTML) 49 Page - Microchip Technology

Back Button PIC12F609-E/SN Datasheet HTML 45Page - Microchip Technology PIC12F609-E/SN Datasheet HTML 46Page - Microchip Technology PIC12F609-E/SN Datasheet HTML 47Page - Microchip Technology PIC12F609-E/SN Datasheet HTML 48Page - Microchip Technology PIC12F609-E/SN Datasheet HTML 49Page - Microchip Technology PIC12F609-E/SN Datasheet HTML 50Page - Microchip Technology PIC12F609-E/SN Datasheet HTML 51Page - Microchip Technology PIC12F609-E/SN Datasheet HTML 52Page - Microchip Technology PIC12F609-E/SN Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 212 page
background image
 2010 Microchip Technology Inc.
DS41302D-page 49
PIC12F609/615/617/12HV609/615
5.2.4.4
GP3/T1G(1, 2)/MCLR/VPP
Figure 5-3 shows the diagram for this pin. The GP3 pin
is configurable to function as one of the following:
• a general purpose input
• a Timer1 gate (count enable), alternate pin
(1, 2)
• as Master Clear Reset with weak pull-up
FIGURE 5-3:
BLOCK DIAGRAM OF GP3
Note 1: Alternate pin function.
2: PIC12F615/617/HV615 only.
VSS
D
Q
CK
Q
D
EN
Q
Data Bus
RD GPIO
RD
GPIO
WR
IOC
RD
IOC
Reset
MCLRE
RD
TRISIO
VSS
D
EN
Q
MCLRE
VDD
Weak
MCLRE
Q1
Input
Pin
Interrupt-on-
Change
S(1)
R
Q
From other
Write ‘0’ to GBIF
Note
1:
Set has priority over Reset
GP<5:4, 2:0> pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More