전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES51960 데이터시트(PDF) 21 Page - Cyrustek corporation

부품명 ES51960
상세설명  3 3/4 Auto DMM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYRUSTEK [Cyrustek corporation]
홈페이지  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51960 데이터시트(HTML) 21 Page - Cyrustek corporation

Back Button ES51960 Datasheet HTML 15Page - Cyrustek corporation ES51960 Datasheet HTML 16Page - Cyrustek corporation ES51960 Datasheet HTML 17Page - Cyrustek corporation ES51960 Datasheet HTML 18Page - Cyrustek corporation ES51960 Datasheet HTML 19Page - Cyrustek corporation ES51960 Datasheet HTML 20Page - Cyrustek corporation ES51960 Datasheet HTML 21Page - Cyrustek corporation ES51960 Datasheet HTML 22Page - Cyrustek corporation ES51960 Datasheet HTML 23Page - Cyrustek corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
92年8月4日
ES51960
3 3/4 Auto DMM
(2) LCD Display ON Condition
LCD Annunciator
"BATT"
Low battery is detected.
"DC"
DC voltage and DC current functions are
used.
"AC"
AC voltage and AC current functions are
used.
"-"
DC voltage and current function.
"AUTO"
Automatic mode is used.
"MANU"
Manual mode is used.
"REL"
REL function is used.
"HOLD"
HOLD function is used.
"MAX"
MAX function is used.
"MIN"
MIN function is used.
" "&"Ω"
Continuity-check is used.
"
"&"V"
Diode measurement is used.
"mV"
AC/DC voltage function is used.
"umA"
AC/DC current function is used.
"MKΩ"
Ω
measurement function is used.
"MKHZ"
Frequency counter is used.
"APO"
Auto-power-off function is used.
"RS232"
Serial data output is used.
Bargraph
Bargraph annunciator is only depend on input
reading .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com