| 전자부품 데이터시트 검색엔진 |
|
TS2GDOM44H-S 데이터시트(PDF) 4 Page - Transcend Information. Inc. |
|
|
|||||||||||||||||||||||||||||
TS2GDOM44H-S 데이터시트(HTML) 4 Page - Transcend Information. Inc. |
|
4 / 34 page ![]() T T Tr rra a an n ns s sc c ce e en n nd d d 4 4 44 4 4---P P Piiin n n IIID D DE E E F F Fllla a as s sh h h M M Mo o od d du u ullle e e (((H H Ho o or rriiiz zzo o on n nttta a alll))) T T TS S S1 1 12 2 28 8 8M M M ~ ~ ~ 4 4 4G G GD D DO O OM M M4 4 44 4 4H H H---S S S Transcend Information Inc. Ver 1.0 4 Absolute Maximum Ratings Symbol Parameter Min Max Unit VDD-VSS DC Power Supply -0.6 +6 V Ta Operating Temperature 0 +70 °C Tst Storage Temperature -40 +85 °C Recommended Operating Conditions Symbol Parameter Min Max Units VDD Power supply 3.0 5.5 V VIN Input voltage 0 VDD+0.3 V Ta Operating Temperature 0 +70 °C DC Characteristics (Ta=0 oC to +70 oC, Vcc = 5.0V ± 10%) Parameter Symbol Min Max Unit Remark Supply Voltage VCC 4.5 5.5 V High level output voltage VOH VCC-0.8 -- V Low level output voltage VOL -- 0.8 V 4.0 -- V Non-schmitt trigger High level input voltage VIH 2.92 -- V Schmitt trigger 1 -- 0.8 V Non-schmitt trigger Low level input voltage VIL -- 1.70 V Schmitt trigger 1 (Ta=0 oC to +70 oC, Vcc = 3.3V ± 5%) Parameter Symbol Min Max Unit Remark Supply Voltage VCC 3.135 3.465 V High level output voltage VOH VCC-0.8 -- V Low level output voltage VOL -- 0.8 V 2.4 -- V Non-schmitt trigger High level input voltage VIH 2.05 -- V Schmitt trigger 1 -- 0.6 V Non-schmitt trigger Low level input voltage VIL -- 1.25 V Schmitt trigger 1 |