전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB120 데이터시트(PDF) 1 Page - Cystech Electonics Corp.

부품명 SB120
상세설명  Schottky Barrier Rectifiers Reverse Voltage 20V to 60V Forward Current 1.0 Amperes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SB120 데이터시트(HTML) 1 Page - Cystech Electonics Corp.

  SB120 Datasheet HTML 1Page - Cystech Electonics Corp. SB120 Datasheet HTML 2Page - Cystech Electonics Corp. SB120 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C474LB
Issued Date : 2009.08.13
Revised Date :
Page No. : 1/3
SB120 thru SB160
CYStek Product Specification
Schottky Barrier Rectifiers
Reverse Voltage 20V to 60V Forward Current 1.0 Amperes
SB120 thru SB160
Features
Outline
• Metal semiconductor junction with guard ring
DO-204AL(DO-41)
• Epitaxial construction
• Low forward voltage drop
• High current capability
• The plastic material carries UL recognition 94V-0
• For use in low voltage, high frequency inverters, free wheeling,
and polarity protection applications
Mechanical Characteristics:
•Case: JEDEC DO-204AL(DO-41) molded plastic
•Terminals: Tin plated axial leads, solderable per MIL-STD-202, method 208
•Polarity: Color band denotes cathode
•Mounting position: Any
•Weight : 0.012oz., 0.33grams
Maximum Ratings and Electrical Characteristics
(Rating at 25
°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For
capacitive load, derate current by 20%)
Type
Parameter
Symbol
SB120 SB130 SB140 SB150 SB160
Units
Maximum repetitive peak reverse voltage
VRRM
20
30
40
50
60
V
Maximum RMS voltage
VRMS
14
21
28
35
42
V
Maximum DC blocking voltage
VDC
20
30
40
50
60
V
Maximum forward voltage at 1A
VF
0.5
0.70
V
Maximum average forward rectified current
.375”(9.5mm) lead lengths @TL=100°C
IF(AV)
1
A
Peak forward surge current @8.3ms single half
sine wave superimposed on rated load (JEDEC
method)
IFSM
40
A
TJ=25°C
0.5
Maximum DC reverse current at
rated DC blocking voltage
TJ=100°C
IR
10
mA
Typical thermal resistance (Note 1)
RθJL
15
°C/W
Typical junction capacitance (Note 2)
CJ
150
pF
Operating junction temperature range
TJ
-55 ~ +125
°C
Storage temperature range
TSTG
-55 ~ +150
°C
Note: 1.Thermal resistance, junction to lead.
2.Measured at 1.0MHz and applied reverse voltage of 4.0VDC


유사한 부품 번호 - SB120

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
SB120 PANJIT-SB120 Datasheet
45Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
SB120 TRSYS-SB120 Datasheet
145Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB120 WTE-SB120 Datasheet
50Kb / 3P
1.0A SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SB120 ZOWIE-SB120 Datasheet
49Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SB120 SSE-SB120 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
More results

유사한 설명 - SB120

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
SB520 CYSTEKEC-SB520 Datasheet
343Kb / 3P
5.0Amp Schottky Barrier Rectifiers Reverse Voltage 20V to 60V Forward Current 5A
logo
Gaomi Xinghe Electronic...
10SQ045 GXELECTRONICS-10SQ045 Datasheet
374Kb / 2P
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE -30 to 100Volts FORWARD CURRENT -10.0 Amperes
logo
GOOD-ARK Electronics
SB320 GOOD-ARK-SB320_15 Datasheet
170Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
logo
Leshan Radio Company
LMBR120LFT1G LRC-LMBR120LFT1G Datasheet
428Kb / 11P
Schottky Barrier Rectifiers Reverse Voltage 20 to 60V Forward Current 1.0A
logo
First Silicon Co., Ltd
1N5817 FS-1N5817 Datasheet
764Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 20V~40V, Forward Current 1.0 Ampere
SS12F FS-SS12F Datasheet
306Kb / 2P
1A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 20 to 200 Volts Forward Current 1.0 Amperes
logo
AiT Semiconductor Inc.
MBR120E AITSEMI-MBR120E Datasheet
484Kb / 5P
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV1.1
logo
Leshan Radio Company
CSM260B LRC-CSM260B Datasheet
428Kb / 4P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 2.0A
Rev.O Dec. 2021
CSM360A LRC-CSM360A Datasheet
847Kb / 4P
Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A
Rev.O Jun. 2021
CSM360B LRC-CSM360B Datasheet
325Kb / 4P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A
Rev.O Jun. 2022
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com