전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NCP1237AD65R2G 데이터시트(PDF) 13 Page - ON Semiconductor

부품명 NCP1237AD65R2G
상세설명  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1237AD65R2G 데이터시트(HTML) 13 Page - ON Semiconductor

Back Button NCP1237AD65R2G Datasheet HTML 9Page - ON Semiconductor NCP1237AD65R2G Datasheet HTML 10Page - ON Semiconductor NCP1237AD65R2G Datasheet HTML 11Page - ON Semiconductor NCP1237AD65R2G Datasheet HTML 12Page - ON Semiconductor NCP1237AD65R2G Datasheet HTML 13Page - ON Semiconductor NCP1237AD65R2G Datasheet HTML 14Page - ON Semiconductor NCP1237AD65R2G Datasheet HTML 15Page - ON Semiconductor NCP1237AD65R2G Datasheet HTML 16Page - ON Semiconductor NCP1237AD65R2G Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
NCP1237
http://onsemi.com
13
When VHV crosses the VHV(start) threshold, the controller
can start immediately. When it crosses VHV(stop), it triggers
a timer of duration tHV: this ensures that the controller
doesn’t stop in case of line cycle drop−out.
Figure 7. AC Input Brown−out Timing Diagram
time
VHV
time
DRV
VHV(start)
Starts at next
VCC(ON)
VHV(stop)
Brown-out
HV
t
The same scheme is used for the Line OVP, except that this
time the controller must not stop instantaneously when the
input voltage goes above VHV(OV1). In order to be
insensitive to spikes and voltage surges a blanking circuit is
inserted after the output of the comparator, with a duration
of tOV(blank).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34