전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBRF5200 데이터시트(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

부품명 MBRF5200
상세설명  Isolation 5.0 AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF5200 데이터시트(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRF5200 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF5200 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBRF5100 - MBRF5200
Isolation 5.0 AMPS. Schottky Barrier Rectifiers
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
ITO-220AC
Features
Plastic material used carries Underwriters Laboratory
Classifications 94V-0
Metal silicon rectifier, majority carrier conduction
Low power loss, high efficiency
High current capability, low forward voltage drop
High surge capability
For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
Guardring for overvoltage protection
High temperature soldering guaranteed:
260
oC/10 seconds,0.25”(6.35mm)from case
Mechanical Data
Cases: JEDEC ITO-220AC molded plastic body
Terminals: Lead solderable per MIL-STD-750, Method
2026
Polarity: As marked
Mounting position: Any
Mounting torque: 5 in. - lbs. max
Weight: 0.08 ounce, 2.24 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25oCambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
MBRF
5100
MBRF
5150
MBRF
5200
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
100
150
200
V
Maximum RMS Voltage
VRMS
70
105
140
V
Maximum DC Blocking Voltage
VDC
100
150
200
V
Maximum Average Forward Rectified Current
I(AV)
5
A
Peak Repetitive Forward Current (Square Wave, 20KHz)
at Tc=105
oC
IFRM
10
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load (JEDEC
method )
IFSM
120
A
Peak Repetitive Reverse Surge Current (Note 1)
IRRM
0.5
A
Maximum Instantaneous Forward Voltage at (Note 2)
IF=5A,Tc=25
oC
IF=5A,Tc=125
oC
VF
0.90
0.80
1.02
0.92
V
Maximum Instantaneous Reverse Current @ Tc =25
oC
at Rated DC Blocking Voltage (Note 2)
@ Tc=125
oC
IR
0.1
5.0
mA
mA
Voltage Rate of Change (Rated VR)
dV/dt
10,000
V/uS
Typical Junction capacitance
Cj
310
pF
Maximum Thermal Resistance, (Note 3)
RθJC
3.0
oC /W
Operating Junction Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +175
oC
Notes: 1. 2.0us Pulse Width, f=1.0 KHz
2. Pulse Test: 300us Pulse Width, 1% Duty Cycle
3. Mounted on Heatsink Size of 2 in x 3 in x 0.25 in Al-Plate.
Version:
B09
0.195 (4.95)
0.205 (5.20)


유사한 부품 번호 - MBRF5200

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
MBRF5200 TSC-MBRF5200 Datasheet
570Kb / 2P
Isolation 5.0 AMPS. Schottky Barrier Rectifiers
MBRF5200 TSC-MBRF5200 Datasheet
242Kb / 3P
5.0AMPS Isolated Schottky Barrier Rectifiers
logo
SAMYANG ELECTRONICS CO....
MBRF5200 SAMYANG-MBRF5200 Datasheet
1Mb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

유사한 설명 - MBRF5200

제조업체부품명데이터시트상세설명
logo
Jinan Gude Electronic D...
SR502 JGD-SR502 Datasheet
147Kb / 2P
5.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
MBRF830CT TSC-MBRF830CT Datasheet
109Kb / 2P
Isolation 8.0 AMPS. Schottky Barrier Rectifiers
SRAF540 TSC-SRAF540 Datasheet
75Kb / 2P
Isolation 5.0 AMPS. Schottky Barrier Rectifiers
MBRF1635 TSC-MBRF1635 Datasheet
66Kb / 2P
Isolation 16.0 AMPS. Schottky Barrier Rectifiers
SR502 TSC-SR502 Datasheet
63Kb / 2P
5.0 AMPS. Schottky Barrier Rectifiers
SR502 TSC-SR502_1 Datasheet
256Kb / 2P
5.0 AMPS. Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SR520 YANGJIE-SR520 Datasheet
706Kb / 2P
5.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
MBRF5100 TSC-MBRF5100_10 Datasheet
570Kb / 2P
Isolation 5.0 AMPS. Schottky Barrier Rectifiers
SR502 TSC-SR502_10 Datasheet
557Kb / 2P
5.0 AMPS. Schottky Barrier Rectifiers
SRAF520 TSC-SRAF520_10 Datasheet
486Kb / 2P
Isolated 5.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com