전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLRH1102B 데이터시트(PDF) 10 Page - Marktech Corporate

부품명 TLRH1102B
상세설명  Panel Circuit Indicator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MARKTECH [Marktech Corporate]
홈페이지  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLRH1102B 데이터시트(HTML) 10 Page - Marktech Corporate

Back Button TLRH1102B Datasheet HTML 5Page - Marktech Corporate TLRH1102B Datasheet HTML 6Page - Marktech Corporate TLRH1102B Datasheet HTML 7Page - Marktech Corporate TLRH1102B Datasheet HTML 8Page - Marktech Corporate TLRH1102B Datasheet HTML 9Page - Marktech Corporate TLRH1102B Datasheet HTML 10Page - Marktech Corporate TLRH1102B Datasheet HTML 11Page - Marktech Corporate TLRH1102B Datasheet HTML 12Page - Marktech Corporate TLRH1102B Datasheet HTML 13Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TL(RH,RMH,SH,OH,YH)1102B(T10)
2006-07-07
10
Cleaning
When cleaning is required after soldering, Toshiba recommends the following cleaning solvents.
It is confirmed that these solvents have no effect on semiconductor devices in our dipping test (under the
recommended conditions). In selecting the one for your actual usage, please perform sufficient review
on washing condition, using condition and etc.
ASAHI CLEAN AK-225AES
: (made by ASAHI GLASS)
KAO CLEAN TROUGH 750H
: (made by KAO)
PINE ALPHA ST-100S
: (made by ARAKAWA CHEMICAL)
TOSHIBA TECHNOCARE
: (made by GE TOSHIBA SILICONES)
(FRW-17, FRW-1, FRV-100)
Precautions When Mounting
Do not apply force to plastic parts of the LED under high-temperature conditions.
The LED plastic is easily scratched. Avoid friction between plastic parts and hard objects or materials.
When installing the PCB in a product, ensure that the device does not come into contact with other components.
Tape Specifications
1.
Product number format
The type of package used for shipment is denoted by a symbol suffix after the product number. The method
of classification is as below. (This method, however does not apply to products whose electrical
characteristics differ from standard Toshiba specifications.)
(1)
Tape Type: T10 (8-mm pitch)
(2)
Example
2.
Tape dimensions
Unit: mm
Symbol
Dimension
Tolerance
Symbol
Dimension
Tolerance
D
1.5
+0.1/−0
P2
2.0
±0.05
E
1.75
±0.1
W
12.0
±0.3
P0
4.0
±0.1
P
8.0
±0.1
t
0.3
±0.05
A0
2.9
±0.1
F
5.5
±0.05
B0
3.7
±0.1
D1
1.5
+0.1/
−0
K0
3.6
±0.1
TLRH1102B (T10)
Tape type
Toshiba product No.
A0
P
D1
F
E
W
Polarity
t
K0
B0
D
P2
P0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com