| 전자부품 데이터시트 검색엔진 |
|
TS39101CS18RL 데이터시트(PDF) 3 Page - Taiwan Semiconductor Company, Ltd |
|
|
|||||||||||||||||||||||||||||
TS39101CS18RL 데이터시트(HTML) 3 Page - Taiwan Semiconductor Company, Ltd |
|
3 / 9 page ![]() TS39101/2/4 1A Ultra Low Dropout Voltage Regulator with Multi-Function 3/9 Version: A08 Electrical Characteristics (Continue) Enable Input (TS39101/2/4) Low (OFF) -- -- 0.8 Input Logic Voltage High (ON) 2.25 -- -- V VEN =2.25V -- -- 75 Enable Pin Input Current VEN =0.8V -- -- 4 uA Note 1: Absolute Maximum Rating is limits beyond which damage to the device may occur. For guaranteed specifications and test conditions see the Electrical Characteristics. Note 2: The device is not guaranteed to operate outside its operating rating. Note 3: Devices are ESD sensitive. Handling precautions recommended. Note 4: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ, the junction to ambient thermal resistance, ӨJA, and the ambient temperature, Ta. Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. The effective value of ӨJA can be reduced by using a heat sink, Pd(max) = (TJ(max) – Ta) / ӨJA. Note 5: Dropout voltage is defined as the input to output differential at which the output voltage drops -1% below its nominal value measured at 1V differential. Note 6: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the ground pin current and output load current, IGND = IIN - IOUT for fix output voltage, , IGND = IIN - IOUT +10mA for fix reference output voltage in full load regulation. Note 7: VREF ≤ VOUT ≤ (VIN – 1V), 2.25V ≤ VIN ≤ 16V, 10mA ≤ IL ≤ 1.0A. Note 8: Output voltage temperature coefficient is ΔVOUT (worse cast) / (TJ(max) – TJ(MIN)) where is TJ(max) +125 oC and TJ(MIN) is 0 oC. Note 9: For adjustable device and fixed device with VOUT > 2.25V. Pin Description Pin Configuration Pin Description Enable TTL/COMS compatible input. Logic high is enable; logic low or open is shutdown Input Unregulated input: +16V maximum supply Ground Ground: Ground pin and TAB / heat sink are internally connected. Output Regulator output Flag (fixed voltage) Error Flag (output): Open-collector output. Active low indicates an output fault condition, if no used, leave open. Feed Back (adjustable) Adjustment input: Feedback input. Connect to resistive voltage-divider network. |