| 전자부품 데이터시트 검색엔진 |
|
TS39101CS33RL 데이터시트(PDF) 2 Page - Taiwan Semiconductor Company, Ltd |
|
|
|||||||||||||||||||||||||||||
TS39101CS33RL 데이터시트(HTML) 2 Page - Taiwan Semiconductor Company, Ltd |
|
2 / 9 page ![]() TS39101/2/4 1A Ultra Low Dropout Voltage Regulator with Multi-Function 2/9 Version: A08 Absolute Maximum Rating (Note 1) Supply Voltage VIN -20V ~ +20 V Enable Voltage VEN +20 V Storage Temperature Range TSTG -65 ~ +150 oC Lead Soldering Temperature (260 oC) 5 S ESD (Note 3) Operating Rating (Note 2) Operation Input Voltage VIN (operate) +2.25 ~ +16 V Operation Enable Voltage VEN (operate) +2.25 ~ +16 V Power Dissipation (Note 4) PD Internally Limited W Operating Junction Temperature Range TJ -40 ~ +125 oC Thermal Resistance Junction to Case RθJC 20 oC/W Electrical Characteristics VIN = VOUT + 1V, VIN =2.5V for fixed reference output voltage, Venable= 2.25V, Ta = 25 oC, unless otherwise specified. Parameter Conditions Min Typ Max Unit Fixed Output Voltage 10mA ≤ IL ≤ 1.0A, Vo+1V ≤ VIN ≤ 8V 0.980|Vo| VOUT 1.020|Vo| V IL=10mA 0.980|Vo| 1.020|Vo| Fixed Reference Output Voltage (TS39102/4) 10mA ≤ IL ≤ 1.0A, 2.5V ≤ VIN ≤ 16V 0.970|Vo| 1.24 (VREF) 1.030|Vo| V Line Regulation IL=10mA, Vo+1V ≤ VIN ≤ 16V -- 0.05 0.5 % VIN =Vout+1V, 8mA≤IL≤300mA -- 0.05 0.1 Load Regulation VIN =Vout+1V, 10mA≤IL≤1A -- 0.2 1.0 % Output Voltage Temp. Coefficient -- 40 100 ppm/ oC Dropout Voltage (Note 5) ΔVOUT = -1% IL=100mA IL=500mA IL=1.0A -- -- -- 100 275 400 250 350 630 mV Quiescent Current (Note 6) VIN= VOUT +1V IL=100mA IL=500mA IL=1.0A -- -- -- 0.7 4.0 12.0 2 6 20 mA Current Limited VOUT =0, VIN = VOUT +1V -- 1.8 -- A Adjust Pin Bias Current -- 40 120 nA Reference Voltage Temp. Coefficient (Note 8) -- 20 -- ppm/ oC Adjust Pin Bias Current Temp. Coefficient -- 0.1 -- nA/ oC Flag Output (TS39101) Output Leakage Current VOH=16V -- -- 2 uA Output Low Voltage (Note 9) VIN=0.9 * VOUT, IOL=250uA -- -- 400 mV Upper Threshold Voltage % of VOUT -- -- 99 % Lower Threshold Voltage % of VOUT 93 -- -- % Hysteresis -- 1 -- % |