| 전자부품 데이터시트 검색엔진 |
|
STM32F100R6H6B 데이터시트(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F100R6H6B 데이터시트(HTML) 26 Page - STMicroelectronics |
|
26 / 84 page ![]() Pinouts and pin description STM32F100x4, STM32F100x6, STM32F100x8, STM32F100xB 26/84 Doc ID 16455 Rev 2 83 A1 3 PC14- OSC32_IN(5) I/O PC14(6) OSC32_IN 94 B1 4 PC15- OSC32_OUT(5) I/O PC15(6) OSC32_OUT 10 --- VSS_5 SVSS_5 11 --- VDD_5 SVDD_5 12 5 C1 5 OSC_IN I OSC_IN 13 6 D1 6 OSC_OUT O OSC_OUT 14 7 E1 7 NRST I/O NRST 15 8 E3 - PC0 I/O PC0 ADC1_IN10 16 9 E2 - PC1 I/O PC1 ADC1_IN11 17 10 F2 - PC2 I/O PC2 ADC1_IN12 18 11 -(7) - PC3 I/O PC3 ADC1_IN13 19 12 F1 8 VSSA SVSSA 20 --- VREF- SVREF- 21 - G1 - VREF+ SVREF+ 22 13 H1 9 VDDA SVDDA 23 14 G2 10 PA0-WKUP I/O PA0 WKUP / USART2_CTS(12)/ ADC1_IN0 / TIM2_CH1_ETR(12) 24 15 H2 11 PA1 I/O PA1 USART2_RTS(12)/ ADC1_IN1 / TIM2_CH2(12) 25 16 F3 12 PA2 I/O PA2 USART2_TX(12)/ ADC1_IN2 / TIM2_CH3(12)/ TIM15_CH1(12) 26 17 G3 13 PA3 I/O PA3 USART2_RX(12)/ ADC1_IN3 / TIM2_CH4(12) / TIM15_CH2(12) 27 18 C2 - VSS_4 SVSS_4 28 19 D2 - VDD_4 SVDD_4 29 20 H3 14 PA4 I/O PA4 SPI1_NSS(12)/ADC1_IN4 USART2_CK(12) / DAC1_OUT 30 21 F4 15 PA5 I/O PA5 SPI1_SCK(12)/ADC1_IN5 / DAC2_OUT 31 22 G4 16 PA6 I/O PA6 SPI1_MISO(12)/ADC1_IN6 / TIM3_CH1(12) TIM1_BKIN / TIM16_CH1 32 23 H4 17 PA7 I/O PA7 SPI1_MOSI(12)/ADC1_IN7 / TIM3_CH2(12) TIM1_CH1N / TIM17_CH1 33 24 H5 - PC4 I/O PC4 ADC1_IN14 Table 4. STM32F100xx pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(3)(4) Default Remap |