| 전자부품 데이터시트 검색엔진 |
|
STM32F100R6T7B 데이터시트(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F100R6T7B 데이터시트(HTML) 25 Page - STMicroelectronics |
|
25 / 84 page ![]() STM32F100x4, STM32F100x6, STM32F100x8, STM32F100xB Pinouts and pin description Doc ID 16455 Rev 2 25/84 Figure 6. STM32F100xx value line TFBGA64 ballout AI15494 PB2 PC14- OSC32_IN PA7 PA4 PA2 PA15 PB11 PB1 PA6 PA3 H PB10 PC5 PC4 D PA8 PA9 BOOT0 PB8 C PC9 PA11 PB6 PC12 VDDA PB9 B PA12 PC10 PC15- OSC32_OUT PB3 PD2 A 8 7 6 5 4 3 2 1 VSS_4 OSC_IN OSC_OUT VDD_4 G F E PC2 VREF+ PC13- TAMPER-RTC PB4 PA13 PA14 PB7 PB5 VSS_3 PC7 PC8 PC0 NRST PC1 PB0 PA5 PB14 VDD_2 VDD_3 PB13 VBAT PC11 PA10 VSS_2 VSS_1 PC6 VSSA PA1 VDD_1 PB15 PB12 PA0-WKUP Table 4. STM32F100xx pin definitions Pins Pin name Main function(3) (after reset) Alternate functions(3)(4) Default Remap 1 - - - PE2 I/O FT PE2 TRACECLK 2 - - - PE3 I/O FT PE3 TRACED0 3 - - - PE4 I/O FT PE4 TRACED1 4 - - - PE5 I/O FT PE5 TRACED2 5 - - - PE6 I/O FT PE6 TRACED3 61 B2 1 VBAT SVBAT 72 A2 2 PC13-TAMPER- RTC(5) I/O PC13(6) TAMPER-RTC |