전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HY5PS12421AFP 데이터시트(PDF) 21 Page - Hynix Semiconductor

부품명 HY5PS12421AFP
상세설명  512Mb DDR2 SDRAM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HYNIX [Hynix Semiconductor]
홈페이지  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5PS12421AFP 데이터시트(HTML) 21 Page - Hynix Semiconductor

Back Button HY5PS12421AFP Datasheet HTML 17Page - Hynix Semiconductor HY5PS12421AFP Datasheet HTML 18Page - Hynix Semiconductor HY5PS12421AFP Datasheet HTML 19Page - Hynix Semiconductor HY5PS12421AFP Datasheet HTML 20Page - Hynix Semiconductor HY5PS12421AFP Datasheet HTML 21Page - Hynix Semiconductor HY5PS12421AFP Datasheet HTML 22Page - Hynix Semiconductor HY5PS12421AFP Datasheet HTML 23Page - Hynix Semiconductor HY5PS12421AFP Datasheet HTML 24Page - Hynix Semiconductor HY5PS12421AFP Datasheet HTML 25Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Rev. 0.2 / Mar. 2005
21
512Mb A-ver. DDR2 SDRAM
-Continue-
Parameter
Symbol
DDR2-533
DDR2-400
Unit
Note
min
max
min
max
Write recovery time
tWR
15
-15
-
ns
Auto precharge write recovery + precharge time
tDAL
WR+tRP
-
WR+tRP
-
tCK
14
Internal write to read command delay
tWTR
7.5
-10
-
ns
24
Internal read to precharge command delay
tRTP
7.5
7.5
ns
3
Exit self refresh to a non-read command
tXSNR
tRFC + 10
tRFC + 10
ns
Exit self refresh to a read command
tXSRD
200
-
200
-
tCK
Exit precharge power down to any non-read
command
tXP
2
-
2
-
tCK
Exit active power down to read command
tXARD
2
2
tCK
1
Exit active power down to read command
(Slow exit, Lower power)
tXARDS
6 - AL
6 - AL
tCK
1, 2
CKE minimum pulse width
(high and low pulse width)
tCKE
3
3
tCK
27
ODT turn-on delay
tAOND
222
2
tCK
ODT turn-on
tAON
tAC(min)
tAC(max)+
1
tAC(min)
tAC(max)+
1
ns
16
ODT turn-on(Power-Down mode)
tAONPD
tAC(min)+2
2tCK+
tAC(max)+
1
tAC(min)+2
2tCK+
tAC(max)+
1
ns
ODT turn-off delay
tAOFD
2.5
2.5
2.5
2.5
tCK
ODT turn-off
tAOF
tAC(min)
tAC(max)+
0.6
tAC(min)
tAC(max)+
0.6
ns
17
ODT turn-off (Power-Down mode)
tAOFPD
tAC(min)+2
2.5tCK+
tAC(max)+
1
tAC(min)+2
2.5tCK+
tAC(max)+
1
ns
ODT to power down entry latency
tANPD
3
3
tCK
ODT power down exit latency
tAXPD
8
8
tCK
OCD drive mode output delay
tOIT
0
12
0
12
ns
Minimum time clocks remains ON after CKE
asynchronously drops LOW
tDelay
tIS+tCK+tIH
tIS+tCK+tIH
ns
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com