| 전자부품 데이터시트 검색엔진 |
|
HT45R35 데이터시트(PDF) 38 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45R35 데이터시트(HTML) 38 Page - Holtek Semiconductor Inc |
|
38 / 54 page ![]() Package Information 16-pin DIP (300mil) Outline Dimensions · MS-001d (see fig1) Symbol Dimensions in mil Min. Nom. Max. A 780 ¾ 880 B 240 ¾ 280 C 115 ¾ 195 D 115 ¾ 150 E14 ¾ 22 F45 ¾ 70 G ¾ 100 ¾ H 300 ¾ 325 I ¾¾ 430 · MS-001d (see fig2) Symbol Dimensions in mil Min. Nom. Max. A 735 ¾ 775 B 240 ¾ 280 C 115 ¾ 195 D 115 ¾ 150 E14 ¾ 22 F45 ¾ 70 G ¾ 100 ¾ H 300 ¾ 325 I ¾¾ 430 HT45R35 Rev. 1.20 38 January 29, 2010 1 6 1 9 8 A B C D E F G H I Fig1. Full Lead Packages 1 6 1 9 8 A B C D E F G H I Fig2. 1/2 Lead Packages |