전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RXH 데이터시트(PDF) 2 Page - RFE international

부품명 RXH
상세설명  ALUMINUM ELECTROLYTIC CAPACITORS RXH Series: Low Impedance Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RFE [RFE international]
홈페이지  http://www.rfeinc.com
Logo RFE - RFE international

RXH 데이터시트(HTML) 2 Page - RFE international

  RXH Datasheet HTML 1Page - RFE international RXH Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIMENSIONS & PERMISSIBLE RIPPLE CURRENT
Impedence: W at 100KHz, 20°C
Ripple Current: mA/rms at 100Hz, 105°C
ALUMINUM ELECTROLYTIC CAPACITORS
RXH Series: Low Impedance Type
V.DC
Item
jD x L
6.3V (0J)
mF
Impedance
(W, Max/100K Hz)
Ripple Current
(mA/rms, 105°C)
10V (1A)
mF
16V (1C)
mF
5 x 11
6.3 x 11
8 x 11.5
8 x 15
8 x 20
10 x 12.5
10 x 16
10 x 20
10 x 25
12.5 x 20
12.5 x 25
12.5 x 30
12.5 x 35
16 x 20
16 x 25
V.DC
Item
jD x L
25V (1E)
mF
35V (1V)
mF
5 x 11
6.3 x 11
8 x 11.5
8 x 15
8 x 20
10 x 12.5
10 x 16
10 x 20
10 x 25
12.5 x 20
12.5 x 25
12.5 x 30
16 x 20
16 x 25
220
470
820
1200
1500
1200
1800
2200
2700
3900
4700
5600
6800
6800
8200
20°C
-10°C
120Hz 100KHz
Impedance
(W, Max/100K Hz)
Ripple Current
(mA/rms, 105°C)
20°C
-10°C
120Hz 100KHz
Impedance
(W, Max/100K Hz)
Ripple Current
(mA/rms, 105°C)
20°C
-10°C
120Hz 100KHz
Impedance
(W, Max/100K Hz)
Ripple Current
(mA/rms, 105°C)
20°C
-10°C
120Hz 100KHz
Impedance
(W, Max/100K Hz)
Ripple Current
(mA/rms, 105°C)
20°C
-10°C
120Hz 100KHz
0.24
0.11
0.062
0.048
0.033
0.045
0.032
0.02
0.018
0.017
0.015
0.013
0.012
0.015
0.013
0.8
0.35
0.19
0.15
0.11
0.14
0.1
0.06
0.054
0.043
0.038
0.033
0.031
0.038
0.035
165
275
540
726
846
744
990
1372
1575
1736
2030
2415
2499
2275
2541
330
500
900
1210
1410
1210
1650
1960
2250
2480
2900
3450
3570
3250
3630
0.24
0.11
0.062
0.048
0.033
0.045
0.032
0.02
0.018
0.017
0.015
0.013
0.012
0.015
0.013
0.8
0.35
0.19
0.15
0.11
0.14
0.1
0.06
0.054
0.043
0.038
0.033
0.031
0.038
0.035
150
275
540
726
846
744
990
1176
1575
1736
2030
2415
2499
2275
2541
300
500
900
1210
1410
1240
1650
1960
2250
2480
2900
3450
3570
3250
3630
0.24
0.11
0.062
0.048
0.033
0.045
0.032
0.02
0.018
0.017
0.015
0.013
0.012
0.015
0.013
0.8
0.35
0.19
0.15
0.11
0.14
0.1
0.06
0.054
0.043
0.038
0.033
0.031
0.038
0.035
150
250
495
666
846
682
990
1176
1350
1736
2030
2415
2499
2275
2541
300
500
900
1210
1410
1240
1650
1960
2250
2480
2900
3450
3570
3250
3630
0.24
0.11
0.062
0.048
0.033
0.045
0.032
0.02
0.018
0.017
0.015
0.013
0.015
0.013
0.8
0.35
0.19
0.15
0.11
0.14
0.1
0.06
0.054
0.043
0.038
0.033
0.038
0.035
165
255
495
666
776
682
908
1176
1350
1488
1740
2415
2275
2541
330
500
900
1210
1410
1240
1650
1960
2250
2480
2900
3450
3250
3630
0.24
0.8
165
330
RFE International • Tel:(949)583-0808 • Fax:(949)583-9898 • E-Mail Sales@rfeinc.com
RFE International • Tel:(949)583-0808 • Fax:(949)583-9898 • E-Mail Sales@rfeinc.com
0.11
0.062
0.048
0.033
0.045
0.032
0.02
0.018
0.017
0.015
0.013
0.015
0.013
0.35
0.19
0.15
0.11
0.14
0.1
0.06
0.054
0.043
0.038
0.033
0.038
0.035
250
450
605
776
682
908
1078
1238
1488
1740
2070
1950
2541
500
900
1210
1410
1240
1650
1960
2250
2480
2900
3450
3250
3630
150
330
680
1000
1500
1000
1500
1800
2200
3300
3900
4700
5600
4700
6800
100
220
470
680
1000
680
1000
1500
1800
2200
2700
3300
3300
3900
4700
68
150
330
390
560
470
680
820
1000
1500
1800
2200
2200
3300
47
100
220
270
390
330
470
560
680
1000
1200
1500
1500
1200
C1CD07
2004.7.27



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com