전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BVM-S420CW3 데이터시트(PDF) 5 Page - Bright View Electronic Co., LTD.

부품명 BVM-S420CW3
상세설명  LED STRIP LIGHT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BVLED [Bright View Electronic Co., LTD.]
홈페이지  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVM-S420CW3 데이터시트(HTML) 5 Page - Bright View Electronic Co., LTD.

  BVM-S420CW3 Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVM-S420CW3 Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVM-S420CW3 Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVM-S420CW3 Datasheet HTML 4Page - Bright View Electronic Co., LTD. BVM-S420CW3 Datasheet HTML 5Page - Bright View Electronic Co., LTD. BVM-S420CW3 Datasheet HTML 6Page - Bright View Electronic Co., LTD. BVM-S420CW3 Datasheet HTML 7Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
■ CHROMATICITY DIAGRAM CIE 1931
*The chromaticity coordinates (x,y) of the SMD LEDs are in accordance with CIE 1931
chromaticity diagram.
*The color temperature values used are based on the traditional incandescence lighting
standard which cannot be exact applicable to LED lighting. It must be used only for
reference purpose.
*Measurement uncertainty of color coordinates: ±0.02
Note:
Products of different CIE bins may not use the same materials and thus may have minor
differences in characteristic and business terms
BVM-S420CW3 series
Bright View Electronics
Bright View Electronics
c4
c3
d2
d4
d3
f4
f2
e4
e2
g2
h2
h1
g1
f1
f3
e1
e3
d1
c2
c1
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
520
510
500
490
480
470
380
770
630
610
600
590
580
570
560
550
540
530
0.0
0.0
CIE x
CIE y
Date:2008/06/05
Page:5 of 7
Version-C



Html Pages

1 2 3 4 5 6 7