전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HSC2621 데이터시트(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

부품명 HSC2621
상세설명  PNP SILICON TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
홈페이지  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HSC2621 데이터시트(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HSC2621 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
APPLICATIONS
Color TV Chroma Output
Applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
ELECTRICAL CHARACTERISTICS(Ta=25℃)
Symbol
Characteristics
Min
Typ
Max
Unit
Test Conditions
ICBO
Collector Cut-off Current
1.0
μA
VCB=200V, IE=0
IEBO
Emitter Cut-off Current
1.0
μA
VEB=6V, IC=0
HFE
DC Current Gain
40
200
VCE=10V, IC=10mA
VCE(sat) Collector- Emitter Saturation Voltage
0.6
V
IC=20mA, IB=2mA
VBE(sat) Base-Emitter Saturation Voltage
1.0
V
IC=20mA, IB=2mA
ft
Current Gain-Bandwidth Product
50
MHz
VCE=30V, IC=10mA,
Cob
Output Capacitance
5
pF
VCB=50V, f=1MHz
hFE Classification
C
D
E
40—80
60—120
100—200
NPN SILICON TRANSISTOR
Tstg——Storage Temperature………………………… -55~150℃
Tj——Junction Temperature……………………………… 150℃
PC——Collector Dissipation(Tc=25℃)…………………… 10W
PC——Collector Dissipation……………………………… 1.2W
VCBO——Collector-Base Voltage………………………… 300V
VCEO——Collector-Emitter Voltage……………………… 300V
VEBO——Emitter-Base Voltage………………………………6.5V
IC——Collector Current……………………………………200mA
ICP——Collector Current(Pulse)…………………………700mA
HSC2621
TO-126
1―Emitter,E
2―Collector,C
3―Base,B


유사한 부품 번호 - HSC2621

제조업체부품명데이터시트상세설명
logo
Hi-Sincerity Mocroelect...
HSC2625 HSMC-HSC2625 Datasheet
23Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
More results

유사한 설명 - HSC2621

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MPS4250 ONSEMI-MPS4250 Datasheet
54Kb / 4P
Transistor(PNP Silicon)
1996
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
SILICON PNP TRANSISTOR
May-1997
BSS44 STMICROELECTRONICS-BSS44_00 Datasheet
47Kb / 4P
SILICON PNP TRANSISTOR
Dec-2000
logo
GTM CORPORATION
GBC556 GTM-GBC556 Datasheet
183Kb / 2P
PNP SILICON TRANSISTOR
logo
AUK corp
DP500P AUK-DP500P Datasheet
53Kb / 3P
PNP Silicon Transistor
SBC327 AUK-SBC327_1 Datasheet
87Kb / 3P
PNP Silicon Transistor
SBC557 AUK-SBC557_1 Datasheet
97Kb / 3P
PNP Silicon Transistor
SBT2907A AUK-SBT2907A_1 Datasheet
193Kb / 4P
PNP Silicon Transistor
SBT2907AUF AUK-SBT2907AUF_1 Datasheet
169Kb / 3P
PNP Silicon Transistor
SBT2907F AUK-SBT2907F_1 Datasheet
192Kb / 4P
PNP Silicon Transistor
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com