전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SB778 데이터시트(PDF) 1 Page - Wing Shing Computer Components

부품명 2SB778
상세설명  PNP PLANAR TRANSISTOR(AUDIO POWER AMPLIFIER, DC TO DC CONVERTER)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WINGS [Wing Shing Computer Components]
홈페이지  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

2SB778 데이터시트(HTML) 1 Page - Wing Shing Computer Components

  2SB778 Datasheet HTML 1Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SB778
PNP
PLANAR SILICON TRANSISTOR
AUDIO POWER AMPLIFIER
DC TO DC CONVERTER
SC-65
! High Current Capability
! High Power Dissipation
ABSOLUTE MAXIMUM RATING (TA=25℃
℃)
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
Collector-Emitter Voltage
Emitter-Base voltage
Collector Current (DC)
Collector Dissipation
Junction Temperature
Storage Temperature
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
-120
-120
-6
-10
80
150
-55~150
V
V
V
A
W
ELECTRICAL CHARACTERISTICS (TA=25℃
℃)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Collector Base Breakdown Voltage
Collector Emitter Breakdown Voltage
Emitter Base Breakdown Voltage
Collector Cutoff Current
Emitter Cutoff Current
*DC Current Gain
DC Current Gain
Collector- Emitter Saturation Voltage
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE1
hFE2
VCE(sat)
IC=-5 mA
IE=0
IC=-10 mA
RBE=
IE=-5mA
IC=0
VCB=-60V
IE=0
VEB=-4V
IC=0
VCE=-5V
IC=-1A
VCE=-5V
IC=-2A
IC=-3A
IB=-0.3A
-120
-120
-6
55
120
-0.1
-0.1
160
-1.5
V
V
V
mA
mA
V
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com


유사한 부품 번호 - 2SB778

제조업체부품명데이터시트상세설명
logo
Savantic, Inc.
2SB778 SAVANTIC-2SB778 Datasheet
188Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB778 JMNIC-2SB778 Datasheet
200Kb / 4P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB778 ISC-2SB778 Datasheet
171Kb / 4P
Silicon PNP Power Transistors
logo
Savantic, Inc.
2SB778 SAVANTIC-2SB778 Datasheet
190Kb / 4P
Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SB778 NJSEMI-2SB778 Datasheet
73Kb / 2P
Silicon PNP Power Transistor
More results

유사한 설명 - 2SB778

제조업체부품명데이터시트상세설명
logo
Wing Shing Computer Com...
2SA1102 WINGS-2SA1102 Datasheet
26Kb / 1P
PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
2SA1105 WINGS-2SA1105 Datasheet
48Kb / 1P
PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
2SA1106 WINGS-2SA1106 Datasheet
25Kb / 1P
PNP PLANAR TRANSISTOR(AUDIO POWER AMPLIFIER, DC TO DC CONVERTER)
2SA1186 WINGS-2SA1186 Datasheet
48Kb / 1P
PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
2SA1215 WINGS-2SA1215 Datasheet
26Kb / 1P
PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
2SA1216 WINGS-2SA1216 Datasheet
26Kb / 1P
PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
2SB817 WINGS-2SB817 Datasheet
48Kb / 1P
PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
MJ2955 WINGS-MJ2955 Datasheet
64Kb / 1P
PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
TIP2955 WINGS-TIP2955 Datasheet
52Kb / 1P
PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
TIP36C WINGS-TIP36C Datasheet
64Kb / 1P
PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com