전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD6210F 데이터시트(PDF) 7 Page - Rohm

부품명 BD6210F
상세설명  H-bridge drivers (7V max.)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD6210F 데이터시트(HTML) 7 Page - Rohm

Back Button BD6210F Datasheet HTML 3Page - Rohm BD6210F Datasheet HTML 4Page - Rohm BD6210F Datasheet HTML 5Page - Rohm BD6210F Datasheet HTML 6Page - Rohm BD6210F Datasheet HTML 7Page - Rohm BD6210F Datasheet HTML 8Page - Rohm BD6210F Datasheet HTML 9Page - Rohm BD6210F Datasheet HTML 10Page - Rohm BD6210F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Technical Note
7/16
BD6210, BD6211, BD6212, BD6215, BD6216, BD6217
www.rohm.com
2009.08 - Rev.C
○
c
2009 ROHM Co., Ltd. All rights reserved.
Block diagram and pin configuration - Continued
BD6216FM
Fig.33 BD6216FM
Fig.34 HSOP-M28
Table 5 BD6216FM
Pin
Name
Function
1
OUT1A
Driver output
3
RNFA
Power stage ground
6
OUT2A
Driver output
8
GND
Small signal ground
9
VREFA
Duty setting pin
10
RINA
Control input (reverse)
11
FINA
Control input (forward)
12
VCC
Power supply
14
VCC
Power supply
15
OUT1B
Driver output
17
RNFB
Power stage ground
20
OUT2B
Driver output
22
GND
Small signal ground
23
VREFB
Duty setting pin
24
RINB
Control input (reverse)
25
FINB
Control input (forward)
26
VCC
Power supply
28
VCC
Power supply
FIN
GND
Ground
Note: All pins not described above are NC pins.
Note: Use all VCC pin by the same voltage.
OUT1A
NC
GND
RNFA
NC
NC
OUT2A
NC
GND
VREFA
RINA
FINA
VCC
NC
VCC
VCC
NC
GND
VCC
FINB
RINB
VREFB
GND
NC
OUT2B
NC
NC
RNFB
NC
OUT1B
26
28
11
10
CTRL
PROTECT
FINA
RINA
VCC
VCC
3
RNFA
9
VREFA
DUTY
1
OUT1A
6
OUT2A
22
GND
12
14
25
24
CTRL
PROTECT
FINB
RINB
VCC
VCC
17 RNFB
23
VREFB
DUTY
15 OUT1B
20 OUT2B
8
GND
FIN
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com