전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD6522F 데이터시트(PDF) 7 Page - Rohm

부품명 BD6522F
상세설명  Large Current Output Power Management Switch ICs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD6522F 데이터시트(HTML) 7 Page - Rohm

Back Button BD6522F Datasheet HTML 3Page - Rohm BD6522F Datasheet HTML 4Page - Rohm BD6522F Datasheet HTML 5Page - Rohm BD6522F Datasheet HTML 6Page - Rohm BD6522F Datasheet HTML 7Page - Rohm BD6522F Datasheet HTML 8Page - Rohm BD6522F Datasheet HTML 9Page - Rohm BD6522F Datasheet HTML 10Page - Rohm BD6522F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
BD6520F,BD6522F
Technical Note
7/16
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
0
1
2
3
4
5
6
7
23456
SUPPLY VOLTAGE : VDD [V]
0
1
2
3
4
5
6
7
-40
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE : Ta [℃]
0
100
200
300
400
500
2
345
6
SUPPLY VOLTAGE : VDD [V]
0
100
200
300
400
500
-40
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE : Ta [℃]
2.0
2.2
2.4
2.6
2.8
3.0
-40
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE : Ta [℃]
0
0.1
0.2
0.3
-40
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE : Ta [℃]
1
10
100
1
10
100
1000
10000
Css [pF]
1
10
100
1
10
100
1000
10000
Css [pF]
0
2
4
6
8
10
12
14
16
23
456
SUPPLY VOLTAGE : VDD [V]
0
2
4
6
8
10
12
14
16
-40
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE : Ta [℃]
Fig.38 Turn Off time
Fig.39 Turn Off time
Fig.40 Switch discharge resistance
Fig.41 Switch discharge resistance
VDD decreasing
VDD increasing
Fig.43 UVLO hysteresis voltage
Fig.44 Turn On time (vs. Css)
Fig.45 Turn Off time (vs. Css)
Fig.46 SSCTL output voltage
Fig.47 SSCTL output voltage
Ta = 25℃
VDD = 5.0V
Ta = 25℃
VDD = 5.0V
Ta = 25℃
VDD = 5.0V
Ta = 25℃
VDD = 5.0V, Ta = 25℃, RL = 10Ω
VDD = 5.0V, Ta = 25℃, RL = 10Ω
VDD = 5.0V
Fig.42 UVLO threshold voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com