| 전자부품 데이터시트 검색엔진 |
|
ADP151ACBZ-2.8-R7 데이터시트(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP151ACBZ-2.8-R7 데이터시트(HTML) 3 Page - Analog Devices |
|
3 / 24 page ![]() ADP151 Rev. 0 | Page 3 of 24 SPECIFICATIONS VIN = (VOUT + 0.4 V) or 2.2 V, whichever is greater; EN= VIN, IOUT = 10 mA, CIN = COUT = 1 μF, TA = 25°C, unless otherwise noted. Table 1. Parameter Symbol Conditions Min Typ Max Unit INPUT VOLTAGE RANGE VIN TJ = −40°C to +125°C 2.2 5.5 V OPERATING SUPPLY CURRENT IGND IOUT = 0 μA 10 μA IOUT = 0 μA, TJ = −40°C to +125°C 20 μA IOUT = 100 μA 20 μA IOUT = 100 μA, TJ = −40°C to +125°C 40 μA IOUT = 10 mA 60 μA IOUT = 10 mA, TJ = −40°C to +125°C 90 μA IOUT = 200 mA 265 μA IOUT = 200 mA, TJ = −40°C to +125°C 350 μA SHUTDOWN CURRENT IGND-SD EN = GND 0.2 μA EN = GND, TJ = −40°C to +125°C 1.0 μA OUTPUT VOLTAGE ACCURACY VOUT IOUT = 10 mA −1 +1 % TSOT VOUT TJ = −40°C to +125°C VOUT < 1.8 V 100 μA < IOUT < 200 mA, VIN = (VOUT + 0.4 V) to 5.5 V −3 +2 % VOUT ≥1.8 V 100 μA < IOUT < 200 mA, VIN = (VOUT + 0.4 V) to 5.5 V −2.5 +1.5 % WLCSP VOUT TJ = −40°C to +125°C VOUT < 1.8 V 100 μA < IOUT < 200 mA, VIN = (VOUT + 0.4 V) to 5.5 V −2.5 +2 % VOUT ≥1.8 V 100 μA < IOUT < 200 mA, VIN = (VOUT + 0.4 V) to 5.5 V −2 +1.5 % REGULATION Line Regulation ∆VOUT/∆VIN VIN = (VOUT + 0.4 V) to 5.5 V, TJ = −40°C to +125°C −0.05 +0.05 %/V Load Regulation (TSOT)1 ∆VOUT/∆IOUT VOUT < 1.8 V %/mA IOUT = 100 μA to 200 mA 0.006 %/mA IOUT = 100 μA to 200 mA, TJ = −40°C to +125°C 0.012 %/mA VOUT ≥ 1.8 V IOUT = 100 μA to 200 mA 0.003 %/mA IOUT = 100 μA to 200 mA, TJ = −40°C to +125°C 0.008 %/mA Load Regulation (WLCSP)1 ∆VOUT/∆IOUT VOUT < 1.8 V %/mA IOUT = 100 μA to 200 mA 0.004 %/mA IOUT = 100 μA to 200 mA, TJ = −40°C to +125°C 0.009 %/mA VOUT ≥1.8 V IOUT = 100 μA to 200 mA 0.002 %/mA IOUT = 100 μA to 200 mA, TJ = −40°C to +125°C 0.006 %/mA DROPOUT VOLTAGE2 VDROPOUT IOUT = 10 mA 10 mV IOUT = 10 mA, TJ = −40°C to +125°C 30 mV TSOT IOUT = 200 mA 150 mV IOUT = 200 mA, TJ = −40°C to +125°C 230 mV WLCSP IOUT = 200 mA 135 mV IOUT = 200 mA, TJ = −40°C to +125°C 200 mV |