| 전자부품 데이터시트 검색엔진 |
|
C900503 데이터시트(PDF) 1 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
C900503 데이터시트(HTML) 1 Page - Microsemi Corporation |
|
1 / 2 page ![]() MDU1020 Series Microsemi Microwave Products 75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748 Page 1 PLANAR TRANSCEIVERS Fixed Frequency TM ® Copyright 2008 Rev: 2009-02-10 Features Low cost Small and Flat Profile Rugged, Reliable Construction Low Power Consumption High Sensitivity Meet FCC Part 15 reqts. Description The MDU (Motion Detector Unit) is an X-Band microwave transceiver that utilizes the Doppler shift phenomenon to "sense" motion. The unit is available with either of two physically interchangeable forms; A rugged cast metal housing or a lightweight plastic housing. The circuit features a dielectric resonator stabilized FET oscillator, which provides stable operation over a broad temperature range in either CW or low duty cycle pulse mode and a balanced mixer for enhanced sensitivity and reliability. Applications Intrusion Alarms (Room, Vehicle) Automatic Door Openers Speed Measurement Collision Avoidance Traffic Control Presence Sensing This document only gives a general description of the product and shall not form part of any contract. Microwave Solutions pursue a policy of continuous product improvement and reserve the right from time to time to amend the specifications of products. |
유사한 부품 번호 - C900503 |
|
유사한 설명 - C900503 |