전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MS2553C 데이터시트(PDF) 5 Page - Microsemi Corporation

부품명 MS2553C
상세설명  35 Watts, 50 Volts Pulsed Avionics 1025 to 1150 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS2553C 데이터시트(HTML) 5 Page - Microsemi Corporation

  MS2553C Datasheet HTML 1Page - Microsemi Corporation MS2553C Datasheet HTML 2Page - Microsemi Corporation MS2553C Datasheet HTML 3Page - Microsemi Corporation MS2553C Datasheet HTML 4Page - Microsemi Corporation MS2553C Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Visit our web site at www.microsemi.com or contact our factory direct.
MS2553C
Package Mechanical Data
< Package Style: M220 >
DIMENSION
MINIMUM
INCHES/MM
MAXIMUM
INCHES/MM
MINIMUM
INCHES/MM
MAXIMUM
INCHES/MM
A
.100 / 2.54
B
1.050 / 26.67
-
C
.250 / 6.35
D
-
.210 / 5.33
E
.120 / 3.05
.130 / 3.30
F
.062 / 1.58
G
.562 / 14.28
H
-
.285 / 7.24
I
.800 / 20.32
J
.003 / 0.08
.006 / 0.15
PIN CONNECTION
1
COLLECTOR
2
EMITTER
3
BASE
4
BASE



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com