전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GDZ6.2 데이터시트(PDF) 2 Page - Rohm

부품명 GDZ6.2
상세설명  Zener diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

GDZ6.2 데이터시트(HTML) 2 Page - Rohm

  GDZ6.2 Datasheet HTML 1Page - Rohm GDZ6.2 Datasheet HTML 2Page - Rohm GDZ6.2 Datasheet HTML 3Page - Rohm GDZ6.2 Datasheet HTML 4Page - Rohm GDZ6.2 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GDZ8.2
Diodes
Rev.C
2/4
Electrical characteristics (Ta=25 C)
MARKING (Type No.)
TYPE
TYPE NO.
GDZ
3.9
LA
GDZ
4.7
AA
GDZ
5.1
DA
GDZ
5.6
EA
GDZ
6.2
FA
GDZ
6.8
HA
GDZ
7.5
JA
GDZ
8.2
KA
MIN.
MAX.
Iz(mA)
MAX.
VR(V)
GDZ 3.9
3.740
4.160
5.0
5.0
1.0
GDZ 4.7
4.420
4.900
5.0
2.0
1.0
GDZ 5.1
4.840
5.370
5.0
2.0
1.5
GDZ 5.6
5.310
5.920
5.0
1.0
2.5
GDZ 6.2
5.860
6.530
5.0
1.0
3.0
GDZ 6.8
6.470
7.140
5.0
0.5
3.5
GDZ 7.5
7.060
7.840
5.0
0.5
4.0
GDZ 8.2
7.760
8.640
5.0
0.5
5.0
(1)The zener voltage(Vz) is measured 40ms after power is supplied.
TYP.
Symbol
Reverse current
IR( A
Zener voltage Vz(V)



Html Pages

1 2 3 4 5