전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT1A040ZP 데이터시트(PDF) 4 Page - Rohm

부품명 RT1A040ZP
상세설명  1.5V Drive Pch MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

RT1A040ZP 데이터시트(HTML) 4 Page - Rohm

  RT1A040ZP Datasheet HTML 1Page - Rohm RT1A040ZP Datasheet HTML 2Page - Rohm RT1A040ZP Datasheet HTML 3Page - Rohm RT1A040ZP Datasheet HTML 4Page - Rohm RT1A040ZP Datasheet HTML 5Page - Rohm RT1A040ZP Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RT1A040ZP
Data Sheet
4/5
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2009.01 - Rev.A
0
20
40
60
80
100
02
46
8
10
ID= -2.0A
ID= -4.0A
Ta=25°C
Pulsed
0.01
0.1
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VGS=0V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta= -25°C
0
1
2
3
4
5
0
5
10
15
20
25
30
Ta=25℃
VDD=-6V
ID=-4.0A
RG=10Ω
Pulsed
100
1000
10000
0.01
0.1
1
10
100
Ciss
Coss
Crss
Ta=25℃
f=1MHz
VGS=0V
1
10
100
1000
10000
0.0
0.1
1.0
10.0
tr
tf
td(on)
td(off)
Ta=25℃
VDD= -6.0V
VGS=-4.5V
RG=10Ω
Pulsed
Fig.10 Reverse Drain Current
vs. Sourse-Drain
Fig.11 Static Drain-Source On-State
Resistance vs. Gate Source
Fig.13 Dynamic Input Characteristics
Fig.14 Typical Capacitance
vs. Drain-Source
Fig.12 Switching Characteristics
SOURCE-DRAIN VOLTAGE : -VSD [V]
GATE-SOURCE VOLTAGE : -VGS[V]
DRAIN-CURRENT : -ID[A]
TOTAL GATE CHARGE : Qg [nC]
DRAIN-SOURCE VOLTAGE : -VDS[V]



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com