전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

C13003 데이터시트(PDF) 1 Page - Rectron Semiconductor

부품명 C13003
상세설명  TO126 PLASTIC PACKAGE NPN SILICON POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RECTRON [Rectron Semiconductor]
홈페이지  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

C13003 데이터시트(HTML) 1 Page - Rectron Semiconductor

  C13003 Datasheet HTML 1Page - Rectron Semiconductor C13003 Datasheet HTML 2Page - Rectron Semiconductor C13003 Datasheet HTML 3Page - Rectron Semiconductor C13003 Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Suitable for Lighting, Switching Regulator and Motor Control
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
Collector Base Voltage
VCBO
Collector Emitter (sus) Voltage
VCEO
Emitter Base Voltage
VEBO
Collector Current Continuous
IC
Peak (1)
ICM
Base Current Continuous
IB
Peak (1)
IBM
Emitter Current Continuous
IE
Peak (1)
IEM
Power Dissipation @ Ta=25 ºC
PD
Derate Above 25ºC
Power Dissipation @ Tc=25 ºC
PD
Derate Above 25ºC
Operating And Storage Junction
Temperature Range
Tj, Tstg
THERMAL RESISTANCE
Junction to Case
Rth (j-c)
Junction to Ambient
Rth (j-a)
Maximum Lead Temperature for Soldering
Purpose: 1/8" from Case for 5 Seconds
(1) Pulse Test: Pulse Width=5ms, Duty Cycle=10%
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP MAX
UNIT
Collector Base Voltage
VCBO
IC=1mA, IE=0
600
V
Collector Emitter (sus) Voltage
*VCEO(sus)
IC=10mA, IB=0
400
V
Collector Cut Off Current
ICBO
VCB=600V, IE=0
1.0
mA
VCB=600V, IE=0, Tc=100ºC
5.0
mA
Emitter Cut Off Current
IEBO
VEB=9V, IC=0
1.0
mA
*Pulse Test: PW=300m
m
s, Duty Cycle=2%
A
A
A
TL
275
ºC
A
A
A
UNIT
V
V
V
ºC/W
ºC/W
W
VALUE
600
400
9.0
1.5
3.0
0.75
89
1.5
2.25
4.5
1.4
ºC
11.2
mW/ ºC
W
mW/ ºC
40
320
- 65 to+150
3.12
TO126 PLASTIC PACKAGE
NPN SILICON POWER TRANSISTOR
C13003


유사한 부품 번호 - C13003

제조업체부품명데이터시트상세설명
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
More results

유사한 설명 - C13003

제조업체부품명데이터시트상세설명
logo
Continental Device Indi...
CSD1638 CDIL-CSD1638 Datasheet
67Kb / 2P
NPN SILICON PLASTIC POWER DARLINGTON TRANSISTOR
MJD13003 CDIL-MJD13003 Datasheet
591Kb / 5P
NPN SILICON PLASTIC POWER TRANSISTOR
logo
ON Semiconductor
BD179 ONSEMI-BD179 Datasheet
86Kb / 4P
Plastic Medium-Power NPN Silicon Transistor
July, 2007 - Rev. 12
BD435 ONSEMI-BD435_05 Datasheet
65Kb / 4P
Plastic Medium Power Silicon NPN Transistor
October, 2005??Rev. 14
logo
Continental Device Indi...
CSC3619 CDIL-CSC3619 Datasheet
250Kb / 2P
NPN SILICON PLASTIC POWER TRANSISTOR
CN1933 CDIL-CN1933 Datasheet
119Kb / 3P
NPN SILICON PLASTIC POWER DARLINGTON TRANSISTOR
CDD1933 CDIL-CDD1933 Datasheet
90Kb / 2P
NPN SILICON PLASTIC POWER DARLINGTON TRANSISTOR
logo
Diodes Incorporated
DXT5616U DIODES-DXT5616U_15 Datasheet
334Kb / 7P
80V NPN MEDIUM POWER TRANSISTOR IN TO126
Rev 1
logo
New Jersey Semi-Conduct...
BD185 NJSEMI-BD185 Datasheet
89Kb / 1P
PLASTIC MEDIUM POWER SILICON NPN TRANSISTOR
logo
Diodes Incorporated
DXT5616U DIODES-DXT5616U Datasheet
508Kb / 7P
80V NPN MEDIUM POWER TRANSISTOR IN TO126
February 2020
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com