전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMSZ5239B 데이터시트(PDF) 2 Page - Rectron Semiconductor

부품명 MMSZ5239B
상세설명  SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RECTRON [Rectron Semiconductor]
홈페이지  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MMSZ5239B 데이터시트(HTML) 2 Page - Rectron Semiconductor

  MMSZ5239B Datasheet HTML 1Page - Rectron Semiconductor MMSZ5239B Datasheet HTML 2Page - Rectron Semiconductor MMSZ5239B Datasheet HTML 3Page - Rectron Semiconductor MMSZ5239B Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMSZ5221B
MMSZ5223B
MMSZ5225B
MMSZ5226B
MMSZ5227B
MMSZ5228B
MMSZ5229B
MMSZ5230B
MMSZ5231B
MMSZ5232B
MMSZ5233B
MMSZ5234B
MMSZ5235B
MMSZ5236B
MMSZ5237B
MMSZ5238B
MMSZ5239B
MMSZ5240B
MMSZ5241B
MMSZ5242B
MMSZ5243B
MMSZ5245B
MMSZ5246B
MMSZ5248B
MMSZ5250B
MMSZ5251B
MMSZ5252B
MMSZ5254B
MMSZ5255B
MMSZ5256B
MMSZ5257B
MMSZ5258B
MMSZ5259B
MMSZ5260B
RECTRON
ELECTRICAL CHARACTERISTICS (@TA=25OC unless otherwise specified)
Test
Maximum Zener impedance
Maximum Reverse
Max
Min
Nom
Volts
Volts
Volts
Zener voltage Range (Note 1)
current
leakage current
VZ (V) @ IZT
ZZT
at
at IZT
ZZK
IZK
IR
at VR
IZT (mA)
(mA)
(uA)
(V)
TYPE
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
3.0
3.5
4.0
5.0
6.0
6.5
6.5
7.0
8.0
8.4
9.1
9.9
11
12
14
15
17
18
21
21
23
100
75
50
25
15
10
5.0
5.0
5.0
5.0
5.0
5.0
3.0
3.0
3.0
3.0
3.0
3.0
2.0
1.0
0.5
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
1200
1300
1600
1600
1700
1900
2000
1900
1600
1600
1600
1000
750
500
500
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
30
30
30
28
24
23
22
19
17
11
7
7
5
6
8
8
10
17
22
30
13
16
17
21
25
29
33
41
44
49
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
9.5
8.5
7.8
7.0
6.2
5.6
5.2
5.0
4.5
4.2
2.28
2.57
2.85
3.14
3.42
3.71
4.09
4.47
4.85
5.32
5.70
5.89
6.46
7.13
7.79
8.27
8.65
9.50
10.45
11.40
12.35
14.25
15.20
17.10
19.00
20.90
22.80
25.65
26.60
28.50
2.4
2.7
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.0
6.2
6.8
7.5
8.2
8.7
9.1
10
11
12
13
15
16
18
20
22
24
27
28
30
2.52
2.84
3.15
3.47
3.78
4.10
4.52
4.94
5.36
5.88
6.30
6.51
7.14
7.88
8.61
9.14
10.50
9.56
11.55
12.60
13.65
15.75
16.80
18.90
21.00
23.10
25.20
28.35
29.40
31.50
(Ω)
(Ω)
25
27
30
0.1
0.1
0.1
0.25
0.25
0.25
700
700
800
58
70
80
3.8
3.4
3.2
31.35
34.20
37.05
33
36
39
34.65
37.80
40.95
33
0.1
0.25
900
93
3.0
40.85
43
45.15
Note 1. Tested with pulses,Tp<1.0ms.



Html Pages

1 2 3 4