전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TCSA562 데이터시트(PDF) 1 Page - Rectron Semiconductor

부품명 TCSA562
상세설명  TO-92 PLASTIC PACKAGE PNP SILICON EPITAXIAL TRANSISTOR ROHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RECTRON [Rectron Semiconductor]
홈페이지  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

TCSA562 데이터시트(HTML) 1 Page - Rectron Semiconductor

  TCSA562 Datasheet HTML 1Page - Rectron Semiconductor TCSA562 Datasheet HTML 2Page - Rectron Semiconductor TCSA562 Datasheet HTML 3Page - Rectron Semiconductor TCSA562 Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Audio Frequency Low Power Amplifier Applications.
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
UNITS
Collector-Base Voltage
VCBO
V
Collector-Emitter Voltage
VCEO
V
Emitter-Base Voltage
VEBO
V
Collector Current
IC
mA
Base Current
IB
mA
Collector Power Dissipation
PC
mW
Operating And Storage Junction
Tj, Tstg
ºC
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Cut Off Current
ICBO
VCB = 35V, IE = 0
100
nA
Emitter Cut Off Current
IEBO
VEB = 5V, IC = 0
100
nA
DC Current Gain
*hFE
IC = 100mA, VCE = 1V
70
240
**hFE
IC = 400mA, VCE = 6V
25
Collector Emitter Saturation Voltage
VCE(sat)
IC = 100mA, IB = 10mA
0.25
V
Base Emitter Voltage
VBE(on)
IC = 100mA, VCE = 1V
1.0
V
DYNAMIC CHARACTERISTICS
Collector Output Capacitance
Cob
VCB = 6V, IE = 0,
13
pF
f = 1MHz
Transition Frequency
ft
VCE = 6V, IC = 20mA
200
MHz
CLASSIFICATION
*hFE
O : 70 - 140
Y : 120 - 240
**hFE
O : 25 Min
Y : 40 Min
500
100
625
VALUE
35
30
5
-55 to +150
E C
B
E C
B
TO-92 PLASTIC PACKAGE
PNP SILICON EPITAXIAL TRANSISTOR ROHS
TCSA56
2*
*


유사한 부품 번호 - TCSA562

제조업체부품명데이터시트상세설명
logo
Littelfuse
TCSA5 LITTELFUSE-TCSA5 Datasheet
409Kb / 2P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
TCSA50 LITTELFUSE-TCSA50 Datasheet
409Kb / 2P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
More results

유사한 설명 - TCSA562

제조업체부품명데이터시트상세설명
logo
Foshan Blue Rocket Elec...
2N2907 FOSHAN-2N2907 Datasheet
1Mb / 6P
Silicon PNP transistor in a TO-92 Plastic Package
2N4126 FOSHAN-2N4126 Datasheet
791Kb / 6P
Silicon PNP transistor in a TO-92 Plastic Package
2SA562TM FOSHAN-2SA562TM Datasheet
942Kb / 6P
Silicon PNP transistor in a TO-92 Plastic Package
2SA608 FOSHAN-2SA608 Datasheet
1Mb / 6P
Silicon PNP transistor in a TO-92 Plastic Package
2SA608K FOSHAN-2SA608K Datasheet
1Mb / 6P
Silicon PNP transistor in a TO-92 Plastic Package
2SA720 FOSHAN-2SA720 Datasheet
790Kb / 6P
Silicon PNP transistor in a TO-92 Plastic Package
2SA733 FOSHAN-2SA733 Datasheet
1Mb / 6P
Silicon PNP transistor in a TO-92 Plastic Package
2SA970 FOSHAN-2SA970 Datasheet
977Kb / 6P
Silicon PNP transistor in a TO-92 Plastic Package
2SA984 FOSHAN-2SA984 Datasheet
689Kb / 5P
Silicon PNP transistor in a TO-92 Plastic Package
2SA1091 FOSHAN-2SA1091 Datasheet
933Kb / 6P
Silicon PNP transistor in a TO-92 Plastic Package
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com