전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

G12PB102K 데이터시트(PDF) 2 Page - TOCOSAMERICA, INC.

부품명 G12PB102K
상세설명  1/2??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOCOS [TOCOSAMERICA, INC.]
홈페이지  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

G12PB102K 데이터시트(HTML) 2 Page - TOCOSAMERICA, INC.

  G12PB102K Datasheet HTML 1Page - TOCOSAMERICA, INC. G12PB102K Datasheet HTML 2Page - TOCOSAMERICA, INC. G12PB102K Datasheet HTML 3Page - TOCOSAMERICA, INC. G12PB102K Datasheet HTML 4Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
89
Dimensions
G12 Series
G12P
P Terminal Style, Cross-Slot, Top Adjust
G12S
S Terminal Style, Cross-Slot, Side Adjust
G12X
X Terminal Style, Cross-Slot, Side Adjust
Unit: mm
Electrical Schematic
#2
wiper
#3 cw
clockwise
ccw
#1
Recommended PCB Layouts
P & S Pin-Out
X Pin-Out
Unit: mm
5
0
10
6.3
0.5
5.0
1.0
5.0
0.2
Ø
0.7 (3)
SLOT:
0.7 W
5.0 L
2.2 D
2.5
0.1
Ø
12.6
0.5
#1
#2
#3
5
0
10
8.8
0.5
5.0 1.0
5.0
0.2
Ø
0.7 (3)
SLOT:
0.7 W
5.0 L
2.2 D
2.5 0.2
1.7
14.8
0.5
8.5
0.5
0.3
Ø
12.6
0.5
#1
#2
#3
5
0
10
8.8
0.5
5.0 1.0
5.0
0.2
Ø
0.7 (3)
SLOT:
0.7 W
5.0 L
2.2 D
2.5 0.2
1.7
14.8
0.5
8.5
0.5
0.3
Ø
12.6
0.5
#1
#2
#3
#3
#2
#1
5.0
2.5
Ø
1.2 max.
(3 holes)
#3
#2
#1
5.0
2.5
Ø
1.2 max.
(3 holes)



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com