전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P4SMAX 데이터시트(PDF) 2 Page - Silicon Standard Corp.

부품명 P4SMAX
상세설명  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSC [Silicon Standard Corp.]
홈페이지  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

P4SMAX 데이터시트(HTML) 2 Page - Silicon Standard Corp.

  P4SMAX Datasheet HTML 1Page - Silicon Standard Corp. P4SMAX Datasheet HTML 2Page - Silicon Standard Corp. P4SMAX Datasheet HTML 3Page - Silicon Standard Corp. P4SMAX Datasheet HTML 4Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
04/13/2007 Rev.1.00
www.SiliconStandard.com
2
P4SMAX
MAXIMUM RATINGS AND CHARACTERISTICS
(TA= 25
o
C unless otherwise noted.)
Parameter
Symbol
Value
Unit
Peak pulse power dissipation with a 10/1000us waveform (1)(2)
(Fig. 1)
P
PPM
400
W
Peak pulse current with a 10/1000us waveform (1) (Fig. 3)
I
PPM
See Next Table
A
Power dissipation on infinite heatsink, T
A=50
oC
P
M(AV)
1.0
W
Peak forward surge current, 8.3ms single half sine-wave
uni-directional only (2)
I
FSM
40
A
Thermal resistance junction to ambient air (3)
R
θJA
120
oC/W
Thermal resistance junction to leads
R
θJL
30
oC/W
Operating junction and storage temperature range
T
J, TSTG
-55 to +150
oC
Notes:
1. Non-repetitive current pulse, per Fig. 3 and derated above T
A=25
o
C per Fig. 2. Rating is 300W above 91V.
2. Mounted on 0.2 x 0.2” (5.0 x 5.0mm) copper pads to each terminal
3. Mounted on minimum recommended pad layout



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com