전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS6569ACSTB 데이터시트(PDF) 3 Page - Silicon Standard Corp.

부품명 SS6569ACSTB
상세설명  5-bit DAC, Synchronous PWM Power Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSC [Silicon Standard Corp.]
홈페이지  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6569ACSTB 데이터시트(HTML) 3 Page - Silicon Standard Corp.

  SS6569ACSTB Datasheet HTML 1Page - Silicon Standard Corp. SS6569ACSTB Datasheet HTML 2Page - Silicon Standard Corp. SS6569ACSTB Datasheet HTML 3Page - Silicon Standard Corp. SS6569ACSTB Datasheet HTML 4Page - Silicon Standard Corp. SS6569ACSTB Datasheet HTML 5Page - Silicon Standard Corp. SS6569ACSTB Datasheet HTML 6Page - Silicon Standard Corp. SS6569ACSTB Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.SiliconStandard.com
3 of 7
SS6569A


!"
ABSOLUTE MAXIMUM RATINGS
% 5   *,
- 5   *,
5 !5  ;!   7   6  E6
# ''8&  '' 2
 
% 5   *2±*+
. $ ) ° F G,°
1 ! H&   *°
    
$ )''&5 θ >$%&5  *?
! &= *° ;
! &= >  6  8 ?  <° ;
1 H& $ >'& &=?  *,°
1  $ )  ,° F*,°
1 0 $ > * '&?  6°
Note 1:
θ
JA
is measured with the component mounted on an evaluation PC board in free air.

!"
TEST CIRCUIT
)8  $A.0 .0.$! )@$
!"
ELECTRICAL CHARACTERISTICS °°°°  !

 
  
        
 
 %
@7.$# !

*
6
.
 



 $'
I,
G2
<6
*2

)'  $'
*2

  



" ) "J&%
)$ !
*K
2
26
34
$ 
3ΩL) L23Ω
2
E2
+
) .
)$ !
∆
*,
$
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7