| 전자부품 데이터시트 검색엔진 |
|
SS6652CSTR 데이터시트(PDF) 5 Page - Silicon Standard Corp. |
|
|
|||||||||||||||||||||||||||||
SS6652CSTR 데이터시트(HTML) 5 Page - Silicon Standard Corp. |
|
5 / 6 page ![]() www.SiliconStandard.com 5 of 6 SS6652 n APPLICATION CIRCUIT (Refer to TYPICAL APPLICATION CIRCUIT) 0 5 10 15 20 25 30 70 75 80 85 90 Load Current (mA) Fig. 5 Efficiency vs. Load Current VOUT = -15V L =150 µH VIN=5V VIN =7V VIN=3V 2 3 4 5 6 7 8 80 82 84 86 88 90 L=220 µH L=150 µH L=100 µH VIN (V) Fig. 6 Efficiency vs. VIN VOUT =-15V IOUT =-10mA 0 5 10 15 20 25 30 70 75 80 85 90 Load Current (mA) Fig. 7 Efficiency vs. Load Current VOUT =-22V L =120 µH VIN=3V VIN=7V VIN=5V 2 3 4 5 6 7 8 80 82 84 86 88 90 VIN (V) Fig. 8 Efficiency vs. VIN L=220 µH L=150 µH L=100 µH VOUT =-22V IOUT =-10mA 0 5 10 15 20 25 30 70 75 80 85 90 Load Current (mA) Fig. 9 Efficiency vs. Load Current VOUT =-30V L =100 µH VIN=3V VIN=5V VIN=7V Fig. 10 Efficiency vs. VIN 2 3 4 5 6 7 8 80 82 84 86 88 90 VIN (V) L=150 µH L=120 µH L=100 µH VOUT =-30V IOUT =-10mA Rev.2.01 6/26/2003 |