전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSM9974GS 데이터시트(PDF) 6 Page - Silicon Standard Corp.

부품명 SSM9974GS
상세설명  N-channel Enhancement-mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSC [Silicon Standard Corp.]
홈페이지  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM9974GS 데이터시트(HTML) 6 Page - Silicon Standard Corp.

  SSM9974GS Datasheet HTML 1Page - Silicon Standard Corp. SSM9974GS Datasheet HTML 2Page - Silicon Standard Corp. SSM9974GS Datasheet HTML 3Page - Silicon Standard Corp. SSM9974GS Datasheet HTML 4Page - Silicon Standard Corp. SSM9974GS Datasheet HTML 5Page - Silicon Standard Corp. SSM9974GS Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
www.SiliconStandard.com
6 of 6
PHYSICAL DIMENSIONS - TO-263
Millimeters
MIN
NOM MAX
A
4.25
4.75
5.20
A1
0.00
0.15
0.30
A2
2.20
2.45
2.70
b
0.70
0.90
1.10
b1
1.07
1.27
1.47
c
0.30
0.45
0.60
c1
1.15
1.30
1.45
D
8.30
8.90
9.40
E
9.70
10.10
####
e
2.04
2.54
3.04
L2
-----
1.50
-----
L3
4.50
4.90
5.30
L4
-----
1.50
----
1.All dimensions are in millimeters.
2.Dimensions do not include mold protrusions.
SYMBOLS
E
b
b1
e
D
L2
L3
c1
A
A1
L4
c
E
b
b1
e
D
L2
L3
c1
A
A1
L4
c



Html Pages

1 2 3 4 5 6