| 전자부품 데이터시트 검색엔진 |
|
KNP-R3AU1KCTB 데이터시트(PDF) 30 Page - Token Electronics Industry Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
KNP-R3AU1KCTB 데이터시트(HTML) 30 Page - Token Electronics Industry Co., Ltd. |
|
30 / 60 page ![]() FKU/FRU Thermal Cut-offs Resistors How to Order 5M A 10R FRU K Part Number Rated Power (W): 5M, 7M, 10M Thermal Cut-offs (Ω) Resistance Value (Ω) Code Thermal Cut-offs A 109+1/-3°C B 129±4°C C 152±4°C D 188+3/-1°C E 226+1/-3°C F 95+3/-0°C G 110±4°C H 126±4°C N 130±4°C M 145±4°C Package Code Package P Bulk Code Resistance Value (Ω) 1R 1Ω 10R 10Ω 100R 100RΩ 1K 1000Ω P Code Resistance Value FRU Metal Oxide type Thermal Cut-offs FKU Wirewound type Thermal Cut-offs Resistance Tolerance (%) Code Resistance Tolerance (%) J ±5% K ±10% Back to 1st Page - Thermal Cut-offs Resistors (FKU/FRU) TOKEN 28 of 58 Version 2010 http://www.token.com.tw/ rfq token.com.tw |