| 전자부품 데이터시트 검색엔진 |
|
KNP-R3AV1KCTB 데이터시트(PDF) 27 Page - Token Electronics Industry Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
KNP-R3AV1KCTB 데이터시트(HTML) 27 Page - Token Electronics Industry Co., Ltd. |
|
27 / 60 page ![]() How to Order 1/2W 0.47R J FRN TB FRN, FKN, FSQ Fusible Resistors Back to 1st Page - Fusible Resistors (FRN, FKN, FSQ) Part Number: FRN, FKN, FSQ Rated Power (W) Resistance Value (Ω) Resistance Tolerance (%) Code Resistance Value R47 0.47Ω 47R 47Ω 470R 470Ω 4K7 4.7KΩ 47K 47KΩ Package Code Package TB Taping Box P Bulk Code Resistance Tolerance J ±5% FRN, FKN, FSQ - Application Notes For fusible resistors, unlike fuses, fusing performance is given in terms of power rather than current. The power can be calculated: Power = Amperes 2 × Ohms Fusing Device Application Notes ● When using, it shall be made sure that the overload conditions at unusual moments lie within the fusing territory. ● Consult with Token in advance when overloaded higher than the rated voltage under an ordinary situation since such an overload may store up damages on resistors. ● Use at the maximum open-circuit voltage or lower as an arc phenomenon may arise when high voltage is applied again after fusing by an over current. ● Consult with us for the maximum open- circuit voltage because it varies with applications. TOKEN 25 of 58 Version 2010 http://www.token.com.tw/ rfq token.com.tw |