전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TCS01FPFSR100 데이터시트(PDF) 3 Page - Token Electronics Industry Co., Ltd.

부품명 TCS01FPFSR100
상세설명  TCS Current Sense Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOKEN [Token Electronics Industry Co., Ltd.]
홈페이지  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCS01FPFSR100 데이터시트(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  TCS01FPFSR100 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCS01FPFSR100 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCS01FPFSR100 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCS01FPFSR100 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCS01FPFSR100 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
03 of 05
TCS Current Sense Chip Resistors
Environmental Characteristics
Power Derating Curve
Ambient Temperature (°C)
100
80
60
40
30
20
0
20 40
60 70 80
155
140
120
100
Item
Specification
Test Method
Temperature Coefficient of
Resistance
As Spec
MIL-STD-202F Method 304
+25/-55/+25/+125/+25°C
Short Time Overload
±0.5%
JIS-C-5202-5.5
RCWV*2.5 or Max Overloading Voltage 5seconds
Dielectric Withstand Voltage by Type
MIL-STD-202F Method 301
Apply Max Overload Voltage for l minute
Insulation Resistance
>1000MΩ
MIL-STD-202F Method 302
Apply 100VDC for 1minute
Thermal Shock
±0.5%
MIL-STD-202F Method 107G
-55°C~150°C, 100cycles
Load Life
±1%
MIL-STD-202F Method 108A
RCWV, 70°C, 1.5 hours on ,
0.5 hours off , Total 1000~1048 hours
Humidity (Steady State)
±0.5%
MIL-STD-202F Method 103B
40°C, 90~95%RH, RCWV 1.5 hours ON,
0.5 hours OFF, total 1000 ~ 1048 hours
Resistance to dry heat
±0.5%
JIS-C-5202-7.2
96hours @ +155°C without load
Low Temperature Operation ±0.5%
JIS-C-5202-7.1
1hour, -65°C followed by 45minutes of RCWV
Bending Strength
As Spec
JIS-C-5202-6.1.4
Bending Amplitude 3mm for 10seconds
Solderability
95%min coverage
MIL-STD-202F Method 208H
245°C±5°C, 2±0.5 (sec)
Resistance to Soldering Heat ±0.5%
MIL-STD-202F Method 210E
260±5°C, 10±1 second
Note: Storage Temperature: 25±3°C; Humidity: <80%RH
TOKEN
http://www.token.com.tw/
rfq token.com.tw
Version 2010



Html Pages

1 2 3 4 5